Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1087E-25DC-TU Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL1087E-25DC-TU
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087E-25DC-TU Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL1087E-25DC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APL1087E-25DC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APL1087E-25DC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APL1087E-25DC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APL1087E-25DC-TU Datasheet HTML 10Page - Anpec Electronics Coropration APL1087E-25DC-TU Datasheet HTML 11Page - Anpec Electronics Coropration APL1087E-25DC-TU Datasheet HTML 12Page - Anpec Electronics Coropration APL1087E-25DC-TU Datasheet HTML 13Page - Anpec Electronics Coropration APL1087E-25DC-TU Datasheet HTML 14Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2003
APL1087E
www.anpec.com.tw
11
Package Informaion
TO-252( Reference JEDEC Registration TO-252)
M illim et er s
I nc he s
Dim
Mi n .
Ma x .
Mi n .
Ma x .
A
2 .18
2 .39
0 .08 6
0 . 09 4
A 1
0. 8 9
1. 2 7
0. 0 3 5
0 . 0 50
b
0 . 5 08
0. 8 9
0. 0 2 0
0 . 0 35
b2
5. 2 0 7
5 . 4 61
0. 2 0 5
0 . 2 15
C
0 .46
0 .58
0 .01 8
0 . 02 3
C1
0. 4 6
0. 5 8
0. 0 1 8
0 . 0 23
D
5 . 3 34
6. 2 2
0. 2 1 0
0 . 2 45
D1
5. 2 R EF
0 . 2 05 R EF
E
6 .35
6 .73
0 .25 0
0 . 26 5
E 1
5. 3 R EF
0 . 2 09 R EF
e1
3. 9 6
5. 1 8
0. 1 5 6
0 . 2 04
H
9 . 3 98
10 . 4 1
0 . 3 70
0. 4 1 0
L
0 .51
0 .02 0
L1
0. 6 4
1. 0 2
0. 0 2 5
0 . 0 40
L2
0. 8 9
2. 0 3 2
0 . 0 35
0. 0 8 0
L2
D
L1
b
b2
E
C1
A
H
L
C
A1
e1
D1
E1


Similar Part No. - APL1087E-25DC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1087-18DC-TR ANPEC-APL1087-18DC-TR Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TRL ANPEC-APL1087-18DC-TRL Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TU ANPEC-APL1087-18DC-TU Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
More results

Similar Description - APL1087E-25DC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com