Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1087E-33DC-TU Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL1087E-33DC-TU
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087E-33DC-TU Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL1087E-33DC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APL1087E-33DC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APL1087E-33DC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APL1087E-33DC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APL1087E-33DC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APL1087E-33DC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APL1087E-33DC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APL1087E-33DC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APL1087E-33DC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2003
APL1087E
www.anpec.com.tw
2
Ordering and Marking Information
Symbol
Parameter
Rating
Unit
V
I
Input Voltage
9
V
T
J
Operating Junction Temperature Range
Control Section
Power Transistor
0 to 125
0 to 150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
L
Lead Temperature (Soldering, 10 second)
260
°C
θ
JA
Thermal Resistance from Junction to Ambient in Free Air
SOT-89
SOT-223
TO-92
TO-252
180
75
180
62.5
°C/W
Absolute Maximum Ratings
7
7
7
7
7
P a c k ag e C o d e
D : S O T - 8 9
E : T O - 9 2
U : T O - 2 5 2
V : S O T - 2 2 3
T e m p . R ang e
C : 0 t o 70
C
H andl i n g C o de
TU : Tu b e
TR : Ta p e & R e e l
V o l t age C o d e
1 8 : 1 . 8 V
2 5 : 2 . 5 V
3 3 : 3 . 3 V
B l ank : A d j u s t abl e V e r s i o n
Le ad F r ee C ode
L : L e a d F r e e D e v i c e
B l a n k : O r i g i n a l D e v i c e
°
A P L 10 87E -
H andl i n g C o de
T e m p . R ang e
P a c k a ge C o de
V o l t age C o d e
A P L1 087E - 33U :
A P L1 087E
XX XX X
- D a te C o d e
XX XX X
33
A P L1 087E - 25U :
A P L1 087E
XX XX X
- D a te C o d e
XX XX X
25
A P L1 087E - 18U :
A P L1 087E
XX XX X
- D a te C o d e
XX XX X
18
A P L1 087E U :
A P L1 087E
XX XX X
- D a te C o d e
XX XX X
A P L1 087E
XX XX X
XX XX X
-
D a t e C o d e
A P L1 087E D / V / E :
A P L1 087E
XX XX X25
XX XX X
-
D a t e C o d e
A P L1 087E - 25D / V / E :
A P L1 087E
XX XX X33
XX XX X
-
D a t e C o d e
A P L1 087E - 33D / V / E :
A P L1 087E
XX XX X18
XX XX X
-
D a t e C o d e
A P L1 087E - 18D / V / E :
Le ad F r ee C ode


Similar Part No. - APL1087E-33DC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1087-18DC-TR ANPEC-APL1087-18DC-TR Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TRL ANPEC-APL1087-18DC-TRL Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TU ANPEC-APL1087-18DC-TU Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
More results

Similar Description - APL1087E-33DC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com