Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2065K-TY Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2065K-TY
Description  Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2065K-TY Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2065K-TY Datasheet HTML 1Page - Anpec Electronics Coropration APA2065K-TY Datasheet HTML 2Page - Anpec Electronics Coropration APA2065K-TY Datasheet HTML 3Page - Anpec Electronics Coropration APA2065K-TY Datasheet HTML 4Page - Anpec Electronics Coropration APA2065K-TY Datasheet HTML 5Page - Anpec Electronics Coropration APA2065K-TY Datasheet HTML 6Page - Anpec Electronics Coropration APA2065K-TY Datasheet HTML 7Page - Anpec Electronics Coropration APA2065K-TY Datasheet HTML 8Page - Anpec Electronics Coropration APA2065K-TY Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APA2065
www.anpec.com.tw
4
Operating Characteristics, BTL mode VDD=5V,TA=25°C,RL=4
Ω, Gain=2V/V (unless otherwise noted)
Electrical Characteristics
Operating Characteristics, SE mode VDD=5V,TA=25°C,RL=4
Ω, Gain=1V/V (unless otherwise noted)
APA2065
Symbol
Parameter
Test Condition
Min. Typ. Max.
Unit
THD=10%, RL=8
Ω, Fin=1kHz
400
THD=10%, RL=32
Ω, Fin=1kHz
110
THD=1%, RL=8
Ω, Fin=1kHz
320
PO
Maximum Output Power
THD=1%, RL=32
Ω, Fin=1kHz
90
mW
PO=250mW, RL=8
Ω, Fin=1kHz
0.08
THD+N Total Harmonic Distortion Plus
Noise
PO=75mW, RL=32
Ω, Fin=1kHz
0.08
%
PSRR Power Ripple Rejection Ratio
VIN=0.1Vrms, RL=8
Ω, CB=1µF,
Fin=120Hz
48
dB
Xtalk
Channel Separation
CB=1
µF, RL=32Ω, Fin=1kHz
100
dB
S/N
Signal to Noise Ratio
PO=75mW, SE, RL=32
Ω, A_wieght
100
dB
VDD=5V, -20°C<TA<85°C (unless otherwise noted)
APA2065
Symbol
Parameter
Test Condition
Min. Typ. Max.
Unit
VDD
Supply Voltage
4.5
5.5
V
SE/BTL=0V
14
25
IDD
Supply Current
SE/BTL=5V
8.0
15
mA
ISD
Supply Current in Shutdown
Mode
SE/BTL=5V
SHUTDOWN=0V
50
µA
IIH
High input Current
900
nA
IIL
Low Input Current
900
nA
VOS
Output Differential Voltage
5
mV
APA2065
Symbol
Parameter
Test Condition
Min. Typ. Max.
Unit
THD=10%, RL=3
Ω, Fin=1kHz
2.7
THD=10%, RL=4
Ω, Fin=1kHz
2.3
THD=10%, RL=8
Ω, Fin=1kHz
1.5
THD=1%, RL=3
Ω, Fin=1kHz
2.0
THD=1%, RL=4
Ω, Fin=1kHz
1.9
PO
Maximum Output Power
THD=0.5%, RL=8
Ω, Fin=1kHz
1
1.1
W
PO=1.5W, RL=4
Ω, Fin=1kHz
0.05
THD+N Total Harmonic Distortion Plus
Noise
PO=1W, RL=8
Ω, Fin=1kHz
0.07
%
PSRR Power Ripple Rejection Ratio
VIN=0.1Vrms, RL=8
Ω, CB=1µF,
Fin=120Hz
60
dB
Xtalk
Channel Separation
CB=1
µF, RL=8Ω, Fin=1kHz
90
dB
S/N
Signal to Noise Ratio
PO=1.1W, RL=8
Ω, A_wieght
95
dB


Similar Part No. - APA2065K-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2060QBI-TRG ANPEC-APA2060QBI-TRG Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2061QBI-TRG ANPEC-APA2061QBI-TRG Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2065K-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com