Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2020RI-TY Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2020RI-TY
Description  Stereo 2-W Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2020RI-TY Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2020RI-TY Datasheet HTML 2Page - Anpec Electronics Coropration APA2020RI-TY Datasheet HTML 3Page - Anpec Electronics Coropration APA2020RI-TY Datasheet HTML 4Page - Anpec Electronics Coropration APA2020RI-TY Datasheet HTML 5Page - Anpec Electronics Coropration APA2020RI-TY Datasheet HTML 6Page - Anpec Electronics Coropration APA2020RI-TY Datasheet HTML 7Page - Anpec Electronics Coropration APA2020RI-TY Datasheet HTML 8Page - Anpec Electronics Coropration APA2020RI-TY Datasheet HTML 9Page - Anpec Electronics Coropration APA2020RI-TY Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Nov., 2002
APA2020
www.anpec.com.tw
6
Pin Description
1
10
11
12
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
MUTE OUT
LBYPASS
SHUTDOWN
GND/HS
T
J
LOUT+
LLINEIN
LHPIN
LOUT-
LV
DD
GND/HS
MUTE IN
GND/HS
NC
ROUT+
RLINEIN
RHPIN
ROUT-
RV DD
GND/HS
SE/BTL
RBYPASS
NC
HP/LINE
Top View
Bottom View
Thermal
Pad
For SOP and TSSOP-P
For TSSOP-P Only
Pin
Nam e
No
I/O
Description
GND/HS
1,12,
13,24
Ground connection for circuitry, directly connected to thermal pad
(only in TSSO P-P package).
TJ
2
O
Shutdown m ode control signal input, sources a current proportional
to the junction temperature. This pin should be left unconnected
during normal operation. For more inform ation, see the junction
temperature measurem ent section of this document.
LOUT +
3
O
Left channel + output in BTL mode, + output in SE m ode.
L LIN E IN
4
I
Left channel line input, selected when H P/ LINE pin (16) is held low.
LHP IN
5I
Left channel headphone input, selected w hen HP/ LINE pin (16) is
held high.
LBYPASS
6
Connect to voltage divider for left channel internal mid-supply bias.
LV
DD
7
I
Supply voltage input for left channel and for prim ary bias circuits.
SHUTDO W N
8
I
Shutdown m ode control signal input, places entire IC in shutdown
mode when held high, I
DD = 0.5µ A.
MUTE OUT
9
O
Follows MUTE in pin (11), provides buffered output.
LOUT -
10
O
Left channel - output in BTL m ode, high-impedance state in SE
mode.
MUTE IN
11
I
Mute control signal input, hold low for normal operation, hold high to
mute.
SE/BTL
14
I
Mode control signal input, hold low for BTL mode, hold high for SE
mode.
RO UT-
15
O
Right channel - output in BTL mode, high impedance state in SE
mode.
HP/ LINE
16
I
MUX control input, hold high to select headphone inputs (5,20),
hold low to select line inputs (4,21).


Similar Part No. - APA2020RI-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TR ANPEC-APA2020AKI-TR Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TU ANPEC-APA2020AKI-TU Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TY ANPEC-APA2020AKI-TY Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020ARI-TR ANPEC-APA2020ARI-TR Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results

Similar Description - APA2020RI-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com