Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2065JI-TY Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APA2065JI-TY
Description  Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2065JI-TY Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APA2065JI-TY Datasheet HTML 3Page - Anpec Electronics Coropration APA2065JI-TY Datasheet HTML 4Page - Anpec Electronics Coropration APA2065JI-TY Datasheet HTML 5Page - Anpec Electronics Coropration APA2065JI-TY Datasheet HTML 6Page - Anpec Electronics Coropration APA2065JI-TY Datasheet HTML 7Page - Anpec Electronics Coropration APA2065JI-TY Datasheet HTML 8Page - Anpec Electronics Coropration APA2065JI-TY Datasheet HTML 9Page - Anpec Electronics Coropration APA2065JI-TY Datasheet HTML 10Page - Anpec Electronics Coropration APA2065JI-TY Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APA2065
www.anpec.com.tw
7
Volume Control Table_BTL Mode (Cont.)
Gain(dB)
High(V)
Low(V)
Hysteresis(mV)
Recommended Voltage(V)
-10
1.82
1.74
35
1.78
-12
1.93
1.85
34
1.89
-14
2.05
1.97
33
2.01
-16
2.16
2.08
32
2.12
-18
2.28
2.19
30
2.23
-20
2.39
2.30
29
2.35
-22
2.50
2.42
28
2.46
-24
2.62
2.53
27
2.57
-26
2.73
2.64
26
2.69
-28
2.84
2.75
24
2.80
-30
2.96
2.87
23
2.91
-32
3.07
2.98
22
3.02
-34
3.18
3.09
21
3.14
-36
3.30
3.20
20
3.25
-38
3.41
3.32
18
3.36
-40
3.52
3.43
17
3.48
-80
5.00
3.54
16
5
Supply Voltage Vdd=5V
0.01
10
0.1
1
20
20k
100
1k
Typical Characteristics
THD+N vs. Frequency
Frequency (Hz)
VDD=5V
RL=3
Po=1.75W
BTL
AV=2
AV=5
AV=10
0.01
10
0.1
1
10m
3
100m
1
2
THD+N vs. Output Power
Output Power (W)
VDD=5V
RL=3
AV=2
BTL
f=20Hz
f=20kHz
f=1kHz


Similar Part No. - APA2065JI-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2060QBI-TRG ANPEC-APA2060QBI-TRG Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2061QBI-TRG ANPEC-APA2061QBI-TRG Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2065JI-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com