Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2065K-TRL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2065K-TRL
Description  Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2065K-TRL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2065K-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APA2065K-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APA2065K-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APA2065K-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APA2065K-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APA2065K-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APA2065K-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APA2065K-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APA2065K-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APA2065
www.anpec.com.tw
3
Min.
Max.
Unit
Supply Voltage, VDD
4.5
5.5
V
SHUTDOWN
2
High level threshold voltage, VIH
SE/BTL
4
V
SHUTDOWN
1.0
Low level threshold voltage, VIL
SE/BTL
3
V
Common mode input voltage, VICM
VDD-1.0
V
Symbol
Parameter
Value
Unit
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
PDIP-16
SOP-16
45
60
K/W
K/W
Recommended Operating Conditions
Thermal Characteristics
(Over operating free-air temperature range unless otherwise noted.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage Range
-0.3 to 6
V
VIN
Input Voltage Range, SE/BTL,
SHUTDOWN
-0.3 to VDD+0.3
V
TA
Operating Ambient Temperature Range
-40 to 85
°C
TJ
Maximum Junction Temperature
Intermal Limited*
1
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TS
Soldering Temperature,10 seconds
260
°C
VESD
Electrostatic Discharge
-3000 to 3000*
2
-200 to 200*
3
V
PD
Power Dissipation
Intermal Limited
Absolute Maximum Ratings
Note:
1.APA2065 integrated internal thermal shutdown protection when junction temperature ramp up to 150°C
2.Human body model: C=100pF, R=1500
Ω, 3 positives pulse plus 3 negative pulses
3.Machine model: C=200pF, L=0.5
µF, 3 positive pulses plus 3 negative pulses


Similar Part No. - APA2065K-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2060QBI-TRG ANPEC-APA2060QBI-TRG Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2061QBI-TRG ANPEC-APA2061QBI-TRG Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2065K-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com