Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA0711XA Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA0711XA
Description  1.1W Mono Low-Voltage Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0711XA Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA0711XA Datasheet HTML 5Page - Anpec Electronics Coropration APA0711XA Datasheet HTML 6Page - Anpec Electronics Coropration APA0711XA Datasheet HTML 7Page - Anpec Electronics Coropration APA0711XA Datasheet HTML 8Page - Anpec Electronics Coropration APA0711XA Datasheet HTML 9Page - Anpec Electronics Coropration APA0711XA Datasheet HTML 10Page - Anpec Electronics Coropration APA0711XA Datasheet HTML 11Page - Anpec Electronics Coropration APA0711XA Datasheet HTML 12Page - Anpec Electronics Coropration APA0711XA Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
9
-100
+0
-80
-60
-40
-20
20k
10k
1k
100
20
-100
+0
-80
-60
-40
-20
20k
10k
1k
100
20
0
200
400
600
800
1000
1200
1400
1600
2.5
3
3.5
4
4.5
5
5.5
-100
+0
-80
-60
-40
-20
20
20k
100
1k
10k
T
Typical Characteristics
PSRR vs. Frequency
PSRR vs. Frequency
Frequency (Hz)
Frequency (Hz)
No-Capacitor
CB=0.1
µF
CB=1
µF
VDD=3.3V
RL=8
SE
VDD=5V
RL=8
SE
CB=1
µF
CB=0.1
µF
No-Capacitor
PSRR vs. Frequency
Frequency (Hz)
RL=8
CB=1
µF
BTL
VDD=3.3V
VDD=5V
Supply Current vs. Supply Voltage
Supply Voltage(V)
RF=10k
BTL(SE/BTL=0.1VDD)
SE(SE/BTL=0.9VDD)
CB=2.2
µF
CB=2.2
µF


Similar Part No. - APA0711XA

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0713KI-TRG ANPEC-APA0713KI-TRG Datasheet
325Kb / 19P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
APA0714QBI-TRG ANPEC-APA0714QBI-TRG Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
APA0714XAI-TRG ANPEC-APA0714XAI-TRG Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - APA0711XA

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
   1.1W Mono Low-Voltage Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
   Mono 1.1W Power Amplifier Low Voltage Operation
MS6890 MOSA-MS6890_1 Datasheet
307Kb / 10P
   Mono 1.1W Power Amplifier Low Voltage Operation
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
   Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890_15 Datasheet
361Kb / 12P
   1.1W Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
   Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
SG Micro Corp
SGM4992 SGMICRO-SGM4992 Datasheet
335Kb / 10P
   1.1W Stereo Audio Power Amplifier
logo
Texas Instruments
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
[Old version datasheet]   1.1W Audio Power Amplifier with Logic Low Shutdown
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
   1.1W Audio Power Amplifier with Shutdown Logic Low
logo
Texas Instruments
LM4876M TI-LM4876M Datasheet
985Kb / 19P
[Old version datasheet]   LM4876 1.1W Audio Power Amplifier with Logic Low
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com