Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5885-EC-TU Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5885-EC-TU
Description  500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5885-EC-TU Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5885-EC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APL5885-EC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APL5885-EC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APL5885-EC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APL5885-EC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APL5885-EC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APL5885-EC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APL5885-EC-TU Datasheet HTML 10Page - Anpec Electronics Coropration APL5885-EC-TU Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
APL5885
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Apr., 2003
www.anpec.com.tw
11
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Customer Service
Cover Tape Dimensions
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOT- 89
12
9.3
1000


Similar Part No. - APL5885-EC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885 Datasheet
145Kb / 11P
   500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
APL5885DC-TRG ANPEC-APL5885DC-TRG Datasheet
145Kb / 11P
   500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
   500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
More results

Similar Description - APL5885-EC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
   500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com