Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5508R-17AC Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5508R-17AC
Description  Low IQ, Low Dropout 560mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5508R-17AC Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5508R-17AC Datasheet HTML 1Page - Anpec Electronics Coropration APL5508R-17AC Datasheet HTML 2Page - Anpec Electronics Coropration APL5508R-17AC Datasheet HTML 3Page - Anpec Electronics Coropration APL5508R-17AC Datasheet HTML 4Page - Anpec Electronics Coropration APL5508R-17AC Datasheet HTML 5Page - Anpec Electronics Coropration APL5508R-17AC Datasheet HTML 6Page - Anpec Electronics Coropration APL5508R-17AC Datasheet HTML 7Page - Anpec Electronics Coropration APL5508R-17AC Datasheet HTML 8Page - Anpec Electronics Coropration APL5508R-17AC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Low I
Q, Low Dropout 560mA Fixed Voltage Regulator
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Mar., 2004
APL5508/5508R/5509/5509R
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
SOT-223 (Top View)
APL5509
V IN
GN D
V OU T
12
3
T AB i s G N D
Features
The APL5508/9/R series are micropower, low drop-
out linear regulators, which operate from 2.7V to 6V
input voltage and deliver up to 560mA. Typical drop-
out voltage is only 600mV at 560mA loading. De-
signed for use in battery-powered system, the low
60
µA quiescent current makes it an ideal choice.
Design with an internal P-channel MOSFET pass
transistor, the APL5508/9/R maintain a low supply
current, independent of the load current and dropout
voltage. Other features include thermal-shutdown
protection, current limit protection to ensure speci-
fied output current and controlled short-circuit current.
The APL5508/9/R regulators come in a miniature SOT-
23, SOT-89 and SOT-223 packages.
Applications
5V to 3.3~4.3V Linear Regulators
3.3V to 1.5~2.5V Linear Regulators
CD-R/W, DVD Player
LAN Card, ADSL/Cable Modem
Computers
•••••
Low Quiescent Current : 60
µA (No load)
•••••
Low Dropout Voltage : 600mV (@560mA)
•••••
Very low Shutdown Current : < 0.5uA
•••••
Fixed Output Voltage : 1.5V ~ 4.5V
by step 0.1V increment
•••••
Stable with 1uF Output Capacitor
•••••
Stable with Aluminum, Tantalum or Ceramic
Capacitors .
•••••
No Protection Diodes Needed
•••••
Built in Thermal Protection
•••••
Built in Current Limit Protection
•••••
Controlled Short Circuit Current : 50mA
•••••
Fast Transient Response
•••••
Short Setting Time
•••••
SOT-23, SOT-89 and SOT-223 Packages
Pin Configuration
General Description
SOT-23 (Top View)
GN D
12
3
V OUT
V IN
APL5508
SOT-23 (Top View)
APL5509
GN D
12
3
V OUT
V IN
APL5508
SOT-89 (Top View)
GN D
V IN
V OUT
12
3
TA B is V IN
APL5509
SOT-89 (Top View)
GN D
V IN
V OUT
12
3
TA B is G N D
SOT-223 (Top View)
APL5508
V OU T
V IN
GN D
12
3
T AB i s V IN
SOT-223 (Top View)
APL5509R
V OU T
GN D
V IN
12
3
T AB i s G N D
SOT-223 (Top View)
APL5508R
V IN
V OU T
GN D
12
3
T AB i s V OU T


Similar Part No. - APL5508R-17AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5508R-17AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com