Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM1401S Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APM1401S
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM1401S Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APM1401S Datasheet HTML 2Page - Anpec Electronics Coropration APM1401S Datasheet HTML 3Page - Anpec Electronics Coropration APM1401S Datasheet HTML 4Page - Anpec Electronics Coropration APM1401S Datasheet HTML 5Page - Anpec Electronics Coropration APM1401S Datasheet HTML 6Page - Anpec Electronics Coropration APM1401S Datasheet HTML 7Page - Anpec Electronics Coropration APM1401S Datasheet HTML 8Page - Anpec Electronics Coropration APM1401S Datasheet HTML 9Page - Anpec Electronics Coropration APM1401S Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Mar., 2005
www.anpec.com.tw
10
APM1401S
Customer Service
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Cover Tape Dimensions
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SC- 70
8
5.3
3000
Application
A
B
C
J
T1
T2
W
P
E
178
±1
14.4
± 0.4 13.0 + 0.2 1.15 ± 0.1 12. ±0.2 2.8± 0.2 8.0+ 0.3
- 0.1
4
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SC-70
3.5
± 0.05 1.55± 0.05 1.00 +0.25 4.0 ± 0.1 2.0 ± 0.05 2.4 ± 0.1 2.4± 0.1 1.19± 0.1 0.25±0.013
Carrier Tape & Reel Dimensions(Cont.)
A
J
B
T2
T1
C


Similar Part No. - APM1401S

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM1402S ANPEC-APM1402S Datasheet
109Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM1402SC-TR ANPEC-APM1402SC-TR Datasheet
109Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM1402SC-TRL ANPEC-APM1402SC-TRL Datasheet
109Kb / 10P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM1403ASC-TRL VBSEMI-APM1403ASC-TRL Datasheet
1,023Kb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM1403S ANPEC-APM1403S Datasheet
109Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM1401S

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com