Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1117D-33UC-TRL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL1117D-33UC-TRL
Description  1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1117D-33UC-TRL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL1117D-33UC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL1117D-33UC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL1117D-33UC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL1117D-33UC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL1117D-33UC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL1117D-33UC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL1117D-33UC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL1117D-33UC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL1117D-33UC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2003
APL1117D/R
www.anpec.com.tw
9
Physical Specifications
t 25 C to P e ak
tp
Ram p-u p
t
L
Ram p-d ow n
ts
P rehea t
Tsm ax
Tsm in
T
L
T
P
25
Tim e
C ritical Z one
T
L
to T
P
°
Reflow Condition (IR/Convection or VPR Reflow)
Classificatin Reflow Profiles
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Profile Feature
Large Body
Small Body
Large Body
Small Body
Average ramp-up rate
(TL to TP)
3
°C/second max.
3
°C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Mix (Tsmax)
- Time (min to max)(ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Tsmax to TL
- Ramp-up Rate
3
°C/second max
Tsmax to TL
- Temperature(TL)
- Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(Tp)
225 +0/-5
°C
240 +0/-5
°C
245 +0/-5
°C
250 +0/-5
°C
Time within 5
°C of actual Peak
Temperature(tp)
10-30 seconds
10-30 seconds
10-30 seconds
20-40 seconds
Ramp-down Rate
6
°C/second max.
6
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package. Measured on the body surface.
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.


Similar Part No. - APL1117D-33UC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL1117D-33UC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com