Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1087-25VC-TR Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL1087-25VC-TR
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087-25VC-TR Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL1087-25VC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APL1087-25VC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APL1087-25VC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL1087-25VC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL1087-25VC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL1087-25VC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL1087-25VC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL1087-25VC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL1087-25VC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Mar., 2004
APL1087
www.anpec.com.tw
3
APL1087
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
REF
Reference
Voltage
10mA
≤ I
OUT
≤0.5A, 3.1V≤V
IN
≤9V,
T
J =0~125
°C
1.225 1.250 1.275
V
V
OUT
Output Voltage
APL1087-18
APL1087-25
APL1087-33
T
J =0~125
°C,
0
≤ I
OUT
≤ 0.5A, 3.25V≤V
IN
≤9V,
T
J =0~125
°C,
0
≤ I
OUT
≤ 0.5A, 3.95V≤V
IN
≤9V,
T
J =0~125
°C,
0
≤ I
OUT
≤ 0.5A, 4.75V≤V
IN
≤9V,
1.764
2.450
3.235
1.800
2.500
3.300
1.836
2.550
3.365
V
REG
LINE
Line Regulation
APL1087
APL1087-18
APL1087-25
APL1087-33
T
J =0~125
°C
I
OUT=10mA, 3.1V
≤V
IN
≤9V, (note1)
I
OUT=0mA, 3.25V
≤V
IN
≤9V, (note1)
I
OUT=0A, 3.95V
≤V
IN
≤9V, (note 1)
I
OUT=0A, 4.75V
≤V
IN
≤ 9V, (note 1)
0.03
1
1
1
0.2
6
6
6
%
mV
REG
LOAD
Load Regulation
APL1087
APL1087-18
APL1087-25
APL1087-33
T
J =0~125
°C
(V
IN –VOUT)=3V, 0
≤ I
OUT
≤0.5A ,(note 1)
V
IN=3.25V, 0
≤ I
OUT
≤0.5A ,(note 1)
V
IN=3.95V, 0
≤ I
OUT
≤0.5A ,(note 1)
V
IN=4.75V, 0
≤ I
OUT
≤0.5A ,(note 1)
0.4
0.6
%
V
D
Dropout Voltage
I
OUT=0.5A ,TJ =0~125
°C
1.3
1.45
V
I
LIMIT
Current Limit
(V
IN -VOUT)=5V, TJ=25
°C
800
mA
I
ADJ
Adjust Pin Current (V
IN -VOUT)=3V, IOUT=10m A, TJ=0~125
°C
60
120
µA
∆I
ADJ
Adjust Pin Current
Change
T
J
=0~125°C, 10mA≤ I
OUT
≤0.5A,
1.45V
≤V
IN -VOUT
≤7.55V
0.2
5
µA
I
O
Minimum Load
Current
T
J=0~125
°C, V
IN =9V, (note 3)
1.7
mA
PSRR
Ripple Rejection
F
RIPPLE=120Hz, VRIPPLE=1VP-P,
(V
IN -VOUT)=3V, TJ=0~125
°C
60
75
dB
T
R
Thermal
Regulation
T
J=25
°C, 30ms Pulse
0.01
0.02
%/ W
T
S
Temperature
Stability
0.5
%
L
S
Long -Term
Stability
T
J =125
°C,1000Hrs.
0.3
%
V
N
RMS Output
Noise
T
J=25
°C,10Hz≤F≤10kHz, (% of V
OUT)
0.003
%
OT
Over Temperature
Point
150
°C
Quiescent Current
APL1087-18
APL1087-25
APL1087-33
T
J=0~125°C,
V
IN≤9V
V
IN≤9V
V
IN≤9V
5.5
5.5
5.5
10
10
10
mA
Electrical Characteristics


Similar Part No. - APL1087-25VC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
Advanced Semiconductor ...
APL1087.5 ASB-APL1087.5 Datasheet
84Kb / 1P
   PLL Module
June 2008
logo
Anpec Electronics Corop...
APL108718DC-TBG ANPEC-APL108718DC-TBG Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL108718DC-TRG ANPEC-APL108718DC-TRG Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL108718EC-TBG ANPEC-APL108718EC-TBG Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
More results

Similar Description - APL1087-25VC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com