Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1117D-33VC-TRL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL1117D-33VC-TRL
Description  1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1117D-33VC-TRL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL1117D-33VC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL1117D-33VC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL1117D-33VC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL1117D-33VC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL1117D-33VC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL1117D-33VC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL1117D-33VC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL1117D-33VC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL1117D-33VC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2003
APL1117D/R
www.anpec.com.tw
3
APL1117D/R
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
V
N
RMS Output Noise
T
J=25
°C,10Hz≤F≤10kHz, (% of V
OUT)
0.003
%
θ
th
Thermal Resistance Junction to Case, at Tab
Junction to ambient
15
50
°C/ W
OT
Over Temperature
Point
150
°C
Quiescent Current
T
J=0 ~12 5°C,
V
IN≤12 V
5.5
10
mA
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Load line regulations are mea-
sured at a constant junction temperature by low duty cycle pulse testing.
Note 2: Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/
output differential measured at the specified output current. Test points and limits are also shown on the Dropout Voltage curve.
Note 3: Minimum load current is defined as the minimum output current required to maintain regulation.
Electrical Characteristics
Application Schematic
APL1117D/R
COUT1
0.1uF
VIN=5~12V
VOUT
CIN
10uF
COUT2
10uF
++
+


Similar Part No. - APL1117D-33VC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL1117D-33VC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com