Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5833-35DC-TR Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5833-35DC-TR
Description  300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5833-35DC-TR Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5833-35DC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL5833-35DC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL5833-35DC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL5833-35DC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL5833-35DC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL5833-35DC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL5833-35DC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APL5833-35DC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APL5833-35DC-TR Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Apr., 2003
APL5833
www.anpec.com.tw
9
t 25 C to P e ak
tp
Ram p-u p
t
L
Ram p-d ow n
ts
P rehea t
Tsm ax
Tsm in
T
L
T
P
25
Tim e
C ritical Z one
T
L
to T
P
°
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition (IR/Convection or VPR Reflow)
Classificatin Reflow Profiles
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Profile Feature
Large Body
Small Body
Large Body
Small Body
Average ramp-up rate
(TL to TP)
3
°C/second max.
3
°C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Mix (Tsmax)
- Time (min to max)(ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Tsmax to TL
- Ramp-up Rate
3
°C/second max
Tsmax to TL
- Temperature(TL)
- Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(Tp)
225 +0/-5
°C
240 +0/-5
°C
245 +0/-5
°C
250 +0/-5
°C
Time within 5
°C of actual Peak
Temperature(tp)
10-30 seconds
10-30 seconds
10-30 seconds
20-40 seconds
Ramp-down Rate
6
°C/second max.
6
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package. Measured on the body surface.


Similar Part No. - APL5833-35DC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18D ANPEC-APL5835-18D Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18DC-TR ANPEC-APL5835-18DC-TR Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18DC-TU ANPEC-APL5835-18DC-TU Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18E ANPEC-APL5835-18E Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
More results

Similar Description - APL5833-35DC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5883 ANPEC-APL5883 Datasheet
115Kb / 11P
   300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com