Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5901-19DC Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5901-19DC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5901-19DC Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5901-19DC Datasheet HTML 7Page - Anpec Electronics Coropration APL5901-19DC Datasheet HTML 8Page - Anpec Electronics Coropration APL5901-19DC Datasheet HTML 9Page - Anpec Electronics Coropration APL5901-19DC Datasheet HTML 10Page - Anpec Electronics Coropration APL5901-19DC Datasheet HTML 11Page - Anpec Electronics Coropration APL5901-19DC Datasheet HTML 12Page - Anpec Electronics Coropration APL5901-19DC Datasheet HTML 13Page - Anpec Electronics Coropration APL5901-19DC Datasheet HTML 14Page - Anpec Electronics Coropration APL5901-19DC Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
11
Thermal protection limits total power dissipation in the
device. When the junction temperature exceeds
T
J=+150℃, the thermal sensor generates a logic sig-
nal to turn off the pass transistor and allows IC to
cool. When the IC’s junction temperature is down by
10℃, the thermal sensor will turn the pass transistor
on again, resulting in a pulsed output during continu-
ous thermal protection. Thermal protection is designed
to protect the APL5901/2 in the ev ent of fault
conditions. For continuous operation, do not exceed
the absolute maximum junction temperature of
T
J=+150℃.
Operating Region and Power Dis-
sipation
The thermal resistance of the case to circuit board,
and the rate of air flow all control the APL5901/2’s
maximum power dissipation. The power dissipation
across the device is P
D = IOUT (VIN-VOUT) and the maxi-
mum power dissipation is:
P
DMAX = (TJ-TA) / (θ JC + θ CA)
where T
J-TA is the temperature difference between the
junction and ambient air, θ
JC is the thermal resis-
tance of the package, and θ
CA is the thermal resis-
tance through the printed circuit board, copper traces,
and other materials to the ambient air.
The GND pin of the APL5901 provide an electrical con-
nection to ground and channeling heat away. If power
dissipation is large, connect the GND pin to ground
using a large pad or ground plane, can improve the
problem of over heat of IC.
Thermal Protection


Similar Part No. - APL5901-19DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRL ANPEC-APL5910KAI-TRL Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results

Similar Description - APL5901-19DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com