Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2054NV Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM2054NV
Description  N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2054NV Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APM2054NV Datasheet HTML 2Page - Anpec Electronics Coropration APM2054NV Datasheet HTML 3Page - Anpec Electronics Coropration APM2054NV Datasheet HTML 4Page - Anpec Electronics Coropration APM2054NV Datasheet HTML 5Page - Anpec Electronics Coropration APM2054NV Datasheet HTML 6Page - Anpec Electronics Coropration APM2054NV Datasheet HTML 7Page - Anpec Electronics Coropration APM2054NV Datasheet HTML 8Page - Anpec Electronics Coropration APM2054NV Datasheet HTML 9Page - Anpec Electronics Coropration APM2054NV Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Apr., 2005
www.anpec.com.tw
6
APM2054NV
Drain-Source On Resistance
Tj - Junction Temperature (°C)
VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
VDS - Drain - Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
Typical Characteristics (Cont.)
-50 -25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
R
ON
@T
j
=25
oC: 35m
V
GS
= 10V
I
DS
= 5A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
10
20
T
j
=25
oC
T
j
=150
oC
0
4
8
12
16
20
0
100
200
300
400
500
600
700
Frequency=1MHz
Crss
Coss
Ciss
0
4
8
12
16
20
24
0
1
2
3
4
5
6
7
8
9
10
V
DS
=10V
I
D
= 5A


Similar Part No. - APM2054NV

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2054ND ANPEC-APM2054ND Datasheet
116Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2054NDC-TR ANPEC-APM2054NDC-TR Datasheet
116Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2054NDC-TRL ANPEC-APM2054NDC-TRL Datasheet
116Kb / 10P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM2054NDC-TRL VBSEMI-APM2054NDC-TRL Datasheet
1,011Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM2054NDC-TU ANPEC-APM2054NDC-TU Datasheet
116Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2054NV

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com