Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2070PU Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM2070PU
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2070PU Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM2070PU Datasheet HTML 1Page - Anpec Electronics Coropration APM2070PU Datasheet HTML 2Page - Anpec Electronics Coropration APM2070PU Datasheet HTML 3Page - Anpec Electronics Coropration APM2070PU Datasheet HTML 4Page - Anpec Electronics Coropration APM2070PU Datasheet HTML 5Page - Anpec Electronics Coropration APM2070PU Datasheet HTML 6Page - Anpec Electronics Coropration APM2070PU Datasheet HTML 7Page - Anpec Electronics Coropration APM2070PU Datasheet HTML 8Page - Anpec Electronics Coropration APM2070PU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
P-Channel Enhancement Mode MOSFET
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Oct., 2005
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM2070PU
APM2070P
Handling Code
Temp. Range
Package Code
Package Code
U : TO-252
Operating Junction Temp. Range
C : -55 to 150 C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device Blank : Original Device
APM2070P U :
APM2070P
XXXXX
XXXXX - Date Code
Lead Free Code
Pin Description
Ordering and Marking Information
Features
Applications
-20V/-8A,
R
DS(ON)=78mΩ (typ.) @ VGS=-10V
R
DS(ON)=113mΩ (typ.) @ VGS=-4.5V
Super High Dense Cell Design
Reliable and Rugged
Lead Free Available (RoHS Compliant)
Power Management in Desktop Computer or
DC/DC Converters
Top View of TO-252
P-Channel MOSFET
G
D
S
G
S
D
Note: ANPEC lead -free products contain mo lding compoun ds and 100% matte tin plate termination fin ish;
wh ic h are fu lly c omplian t with RoHS and c omp atible with bo th Sn Pb an d lead-free soldiering op erations.
ANPEC lead-free p roducts meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL
classification at lead-free peak reflow temperature.
°


Similar Part No. - APM2070PU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2070PUC-TR ANPEC-APM2070PUC-TR Datasheet
264Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM2070PUC-TRL ANPEC-APM2070PUC-TRL Datasheet
264Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM2070PUC-TU ANPEC-APM2070PUC-TU Datasheet
264Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM2070PUC-TUL ANPEC-APM2070PUC-TUL Datasheet
264Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2070PU

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com