Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2103SGC-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM2103SGC-TR
Description  Dual P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2103SGC-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM2103SGC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM2103SGC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM2103SGC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM2103SGC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM2103SGC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM2103SGC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM2103SGC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM2103SGC-TR Datasheet HTML 8Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual P-Channel Enhancement Mode MOSFET
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
APM2103SG
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Ordering and Marking Information
Features
Applications
-20V/-2.5A
R
DS(ON)= 88mΩ(typ.) @ VGS= -4.5V
R
DS(ON)= 120mΩ (typ.) @ VGS= -2.5V
R
DS(ON)= 160mΩ (typ.) @ VGS= -1.8V
Super High Dense Cell Design
Reliable and Rugged
APM2103
Handling Code
Temp. Range
Package Code
Package Code
SG : JSC70-8
Operating Junction Temp . Range
C : -55 to 150 C
Handling Code
TR : Tape & Reel
Lead Free Code
L : Lead Free Device Blank : Original Device
APM2103 :
M2103
XXXXX - Date Code
Lead Free Code
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.
°
Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems.
P Channel MOSFET
P Channel MOSFET
Pin Description
(2)G1
(1)S1
(7.8)D1
(4)G2
(3)S2
(5.6)D2


Similar Part No. - APM2103SGC-TR

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APM2140-P29 ASB-APM2140-P29 Datasheet
1Mb / 6P
   Medium Power Amplifier Module
February 2009
APM2140-P29 ASB-APM2140-P29 Datasheet
404Kb / 6P
   Medium Power Amplifier Module
August 2017
APM2140-P29 ASB-APM2140-P29_13 Datasheet
924Kb / 6P
   Low Noise and High OIP3 Medium Power Amplifier Module
February 2009
APM2140-P29 ASB-APM2140-P29_17 Datasheet
404Kb / 6P
   Medium Power Amplifier Module
August 2017
More results

Similar Description - APM2103SGC-TR

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com