Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5312-27S5I-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5312-27S5I-TR
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5312-27S5I-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5312-27S5I-TR Datasheet HTML 1Page - Anpec Electronics Coropration APL5312-27S5I-TR Datasheet HTML 2Page - Anpec Electronics Coropration APL5312-27S5I-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL5312-27S5I-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL5312-27S5I-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL5312-27S5I-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL5312-27S5I-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL5312-27S5I-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL5312-27S5I-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2005
APL5312
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
General Description
The APL5312 is a ultra low noise, low dropout linear
regulator, which operate from 2.3V to 6V input voltage
and deliver up to 300mA. Typical dropout voltage is
only 290mV at 300mA loading. Designed for use in
RF applications, the high PSRR 74dB and low noise
36
µV
RMS makes it an ideal choice.
Design with an internal P-channel MOSET pass
element, the APL5312 maintain a low supply current,
independent of the load current and dropout voltage.
Other features include thermal-shutdown protection
and current limit protection to ensure specified output
current and controlled short-circuit current. The
APL5312 regulator come in a miniature SOT23-5 and
SC70-5 package.
Applications
Wide Operating Voltage: 2.3V~6V
Low Dropout Voltage: 290mV @ 3V/300mA
Fixed Output Voltages: 1.5V~3.5V
with step 100mV, 2.85V
Guaranteed 300mA Output Current
High PSRR: 74dB before 10KHz
Low Output Noise: 36
µV
RMS at 100Hz
to 100KHz
Current Limit Protection
Controlled Short Circuit Current: 50mA
Over Temperature Protection
Stable with 1
µF Capacitor for Any Load
Excellent Load/Line Transient
SOT23-5 and SC70-5 Packages
Lead Free Available (RoHS Compliant)
Cellular Phones
Portable and Battery-Powered Equipment
Wireless LANs
GPS
Pin Configuration
V IN
GND
SHDN
V OUT
BP
APL5312
1
2
3
4
5
SOT23-5/
SC70-5


Similar Part No. - APL5312-27S5I-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215BI-TRG ANPEC-APL531215BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215S5I-TRG ANPEC-APL531215S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230BI-TRG ANPEC-APL531230BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230S5I-TRG ANPEC-APL531230S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5312-27S5I-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com