Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5312-18BI-TRL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5312-18BI-TRL
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5312-18BI-TRL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5312-18BI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5312-18BI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5312-18BI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5312-18BI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5312-18BI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5312-18BI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL5312-18BI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL5312-18BI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APL5312-18BI-TRL Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2005
APL5312
www.anpec.com.tw
10
techniques (see the Figure Output Noise vs. BP
Capacitance).
Shutdown
The APL5312 has an active high enable function. Force
SHDN high (>1.6V) enables the V
OUT, SHDN low (<0.4V)
disables the V
OUT. Enter the shutdown mode, it also
causes the output voltage to discharge through a 500
resistance to ground. In shutdown mode, the
quiescent current can reduce to 0.1uA. The SHDN
pin cannot be floating, a floating SHDN pin may cause
an indeterminate state on the output. If it is no use,
connect to V
IN for normal operation.
Input-Output (Dropout) Voltage
The minimum input-output voltage differential (dropout)
determines the lowest usable supply voltage. The
dropout voltage is a function of drain-to-source on
resistance multiplied by the load current.
Current Limit
APL5312 includes a current-limit circuitry for linear
regulator. The current limit protection, which sense
the current flows the P-channel MOSFET, and con-
trols the output voltage. The point where limiting oc-
curs is I
OUT = 500mA . The output can be shorted to
ground for an indefinite amount of time without damaging to
the part.
Thermal Protection
Thermal protection limits total power dissipation in the
APL5312. When the junction temperature exceeds
T
J = +160°C, the thermal sensor generate a logic
sig-
nal to turn off the pass element and let IC to cool.
When the IC’s junction temperature cools by 20
°C,
the thermal sensor will turn the pass element on again,
resulting in a pulsed output during continuous thermal
Noise, PSRR, and Load-Transient Response
(Cont.)
protection. Thermal protection is designed to protect
the IC in the event of fault conditions.
Operating Region and Power Dissipation
The thermal resistance of the case and circuit board,
ambient and junction air temperature, and the rate of
air flow all control the APL5312’s maximum power
dissipation. The power dissipation across the device
is P = I
OUT (VIN-VOUT). The maximum power dissipation
is:
P
MAX = (TJ - TA) / (θJC + θCA )
θ
JA = θJC + θCA
where T
J - TA is the temperature difference between the
junction and ambient air.
θ
JC is the thermal resistance of the package, θCA is the
thermal resistance through the printed circuit board,
copper traces, and other materials to the surrounding
air,
θ
JA = is the thermal resistance between Junction
and ambient air. For continual operation, do not exceed
the absolute maximum junction Temperature rating of
T
J = 125°C.
For example:
The SOT23-5 package has maximum power dissipation
300mW at T
A= 55°C, relatively 225mW at SC70-5
package (see the Figure Maximum Power Dissipation
vs. Ambient Temperature).
V
IN = 5V, IOUT = 250mA, VOUT = 3.3V,
P
D = (5-3.3)V x 150mA = 255mW
According the power dissipation issue, we should adapt
the SOT23-5 package. It could reduce the thermal
resistance to maintain the IC longer life.
The GND pin provides an electrical connection to
ground and channeling heat away. The printed circuit
board (PCB) forms a heat sink and dissipates most of
the heat into ambient air.
Application Information (Cont.)


Similar Part No. - APL5312-18BI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215BI-TRG ANPEC-APL531215BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215S5I-TRG ANPEC-APL531215S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230BI-TRG ANPEC-APL531230BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230S5I-TRG ANPEC-APL531230S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5312-18BI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com