Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2509NUBC-PBL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM2509NUBC-PBL
Description  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2509NUBC-PBL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM2509NUBC-PBL Datasheet HTML 1Page - Anpec Electronics Coropration APM2509NUBC-PBL Datasheet HTML 2Page - Anpec Electronics Coropration APM2509NUBC-PBL Datasheet HTML 3Page - Anpec Electronics Coropration APM2509NUBC-PBL Datasheet HTML 4Page - Anpec Electronics Coropration APM2509NUBC-PBL Datasheet HTML 5Page - Anpec Electronics Coropration APM2509NUBC-PBL Datasheet HTML 6Page - Anpec Electronics Coropration APM2509NUBC-PBL Datasheet HTML 7Page - Anpec Electronics Coropration APM2509NUBC-PBL Datasheet HTML 8Page - Anpec Electronics Coropration APM2509NUBC-PBL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Channel Enhancement Mode MOSFET
Copyright
© ANPEC Electronics Corp.
Rev. B.1 - Jun., 2006
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM2509NUB
Pin Description
Ordering and Marking Information
Features
Applications
25V/50A ,
R
DS(ON)=7.5mΩ(typ.) @ VGS=10V
R
DS(ON)=13mΩ(typ.) @ VGS=4.5V
Super High Dense Cell Design
Avalanche Rated
Reliable and Rugged
Lead Free Available (RoHS Compliant)
Power Management in Desktop Computer or
DC/DC Converters
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.
°
Top View of TO-251
N-Channel MOSFET
G
S
D
1
2
3
S
D
G
APM2509N
Handling Code
Temp. Range
Package Code
Package Code
UB : TO-251
Operating Junction Temp. Range
C : -55 to 150 C
Handling Code
PB : Plastic Bag
Lead Free Code
L : Lead Free Device Blank : Original Device
APM2509N UB :
APM2509N
XXXXX
XXXXX - Date Code
Lead Free Code


Similar Part No. - APM2509NUBC-PBL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2509NU ANPEC-APM2509NU Datasheet
203Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2509NUC-TR ANPEC-APM2509NUC-TR Datasheet
203Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2509NUC-TRL ANPEC-APM2509NUC-TRL Datasheet
203Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2509NUC-TU ANPEC-APM2509NUC-TU Datasheet
203Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2509NUC-TUL ANPEC-APM2509NUC-TUL Datasheet
203Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2509NUBC-PBL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com