Electronic Components Datasheet Search |
|
APM2512NUC-TR Datasheet(PDF) 10 Page - Anpec Electronics Coropration |
|
APM2512NUC-TR Datasheet(HTML) 10 Page - Anpec Electronics Coropration |
10 / 11 page Copyright © ANPEC Electronics Corp. Rev. B.2 - Oct., 2005 www.anpec.com.tw 10 APM2512NU Test item Method Description SOLDERABILITY MIL-STD-883D-2003 245°C,5 SEC HOLT MIL-STD 883D-1005.7 1000 Hrs Bias @ 125°C PCT JESD-22-B, A102 168 Hrs, 100% RH, 121°C TST MIL-STD 883D-1011.9 -65°C ~ 150°C, 200 Cycles Carrier Tape & Reel Dimensions t Ao E W Po P Ko Bo D1 D F P1 Reliability Test Program Table 2. Pb-free Process – Package Classification Reflow Temperatures Package Thickness Volume mm 3 <350 Volume mm 3 350-2000 Volume mm 3 >2000 <1.6 mm 260 +0 °C* 260 +0 °C* 260 +0 °C* 1.6 mm – 2.5 mm 260 +0 °C* 250 +0 °C* 245 +0 °C* ≥2.5 mm 250 +0 °C* 245 +0 °C* 245 +0 °C* *Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means Peak reflow temperature +0 °C. For example 260 °C+0°C) at the rated MSL level. Table 1. SnPb Entectic Process – Package Peak Reflow Temperature s Package Thickness Volume mm 3 <350 Volume mm 3 ≥350 <2.5 mm 240 +0/-5 °C 225 +0/-5 °C ≥2.5 mm 225 +0/-5 °C 225 +0/-5 °C Classification Reflow Profiles(Cont.) |
Similar Part No. - APM2512NUC-TR |
|
Similar Description - APM2512NUC-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |