Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2800BC-TU Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APM2800BC-TU
Description  N-Channel Enhancement Mode MOSFET with Schottky Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2800BC-TU Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APM2800BC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APM2800BC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APM2800BC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APM2800BC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APM2800BC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APM2800BC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APM2800BC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APM2800BC-TU Datasheet HTML 10Page - Anpec Electronics Coropration APM2800BC-TU Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.3 - Jun., 2005
www.anpec.com.tw
11
APM2800B
Application
A
B
C
J
T1
T2
W
P
E
178
±1
72
± 1.0 13.0 + 0.2 2.5 ± 0.15 8.4 ± 2
1.5
± 0.3
8.0+ 0.3
- 0.3
4
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-23-5
3.5
± 0.05 1.5 +0.1
1.5 +0.1
4.0
± 0.1 2.0 ± 0.1 3.15 ± 0.1 3.2± 0.1
1.4
± 0.1 0.2±0.03
Customer Service
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Cover Tape Dimensions
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOT-23-5
8
5.3
3000
Carrier Tape & Reel Dimensions
A
J
B
T2
T1
C
(mm)


Similar Part No. - APM2800BC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2801B ANPEC-APM2801B Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TR ANPEC-APM2801BC-TR Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TRL ANPEC-APM2801BC-TRL Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TU ANPEC-APM2801BC-TU Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TUL ANPEC-APM2801BC-TUL Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
More results

Similar Description - APM2800BC-TU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3014SSS DIODES-DMS3014SSS Datasheet
163Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32265 Rev. 3 - 2
DMS3016SSSA DIODES-DMS3016SSSA_15 Datasheet
163Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DMS3015SSS DIODES-DMS3015SSS Datasheet
157Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32096 Rev. 4 - 2
DMG4710SSS DIODES-DMG4710SSS Datasheet
175Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DMG4712SSS DIODES-DMG4712SSS Datasheet
159Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32040 Rev. 5 - 2
DMG4812SSS DIODES-DMG4812SSS Datasheet
160Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS35071 Rev. 2 - 2
DMS3016SSS DIODES-DMS3016SSS Datasheet
167Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32266 Rev. 3 - 2
DMS3016SFG DIODES-DMS3016SFG_15 Datasheet
218Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
DMG7702SFG DIODES-DMG7702SFG Datasheet
185Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
logo
Sinopower Semiconductor...
SM1691OSCS SINOPWER-SM1691OSCS Datasheet
260Kb / 12P
   Single N-Channel Enhancement Mode MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com