Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2801BC-TUL Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APM2801BC-TUL
Description  P-Channel Enhancement Mode MOSFET with Schottky Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2801BC-TUL Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APM2801BC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APM2801BC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APM2801BC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APM2801BC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APM2801BC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APM2801BC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APM2801BC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration APM2801BC-TUL Datasheet HTML 10Page - Anpec Electronics Coropration APM2801BC-TUL Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Jun., 2005
www.anpec.com.tw
7
APM2801B
0.0
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1
6
T A=125
o C
T A=25
o C
Typical Characteristics (Cont.)
SBD
0
3
6
9
12
15
1E-7
1E-6
1E-5
1E-4
1E-3
0.01
0.1
150
oC
100
oC
75
oC
50
oC
T
A
=25
oC
0
5
10
15
20
25
0
50
100
150
200
Frequency=1MHz
VF - Forward Voltage (V)
IF - VF
IR - VR
VR - Reverse Voltage (V)
C - VR
V
R - Reverse Voltage (V)


Similar Part No. - APM2801BC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2800B ANPEC-APM2800B Datasheet
224Kb / 11P
   N-Channel Enhancement Mode MOSFET with Schottky Diode
APM2800BC-TR ANPEC-APM2800BC-TR Datasheet
224Kb / 11P
   N-Channel Enhancement Mode MOSFET with Schottky Diode
APM2800BC-TRL ANPEC-APM2800BC-TRL Datasheet
224Kb / 11P
   N-Channel Enhancement Mode MOSFET with Schottky Diode
APM2800BC-TU ANPEC-APM2800BC-TU Datasheet
224Kb / 11P
   N-Channel Enhancement Mode MOSFET with Schottky Diode
APM2800BC-TUL ANPEC-APM2800BC-TUL Datasheet
224Kb / 11P
   N-Channel Enhancement Mode MOSFET with Schottky Diode
More results

Similar Description - APM2801BC-TUL

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4710B ACE-ACE4710B Datasheet
601Kb / 6P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
VER 1.2
logo
Diodes Incorporated
DMS2085LSD DIODES-DMS2085LSD_15 Datasheet
308Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
DMS2095LFDB DIODES-DMS2095LFDB_15 Datasheet
312Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
logo
TECH PUBLIC Electronics...
TPM2P106PS8 TECHPUBLIC-TPM2P106PS8 Datasheet
2Mb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
logo
Cystech Electonics Corp...
MSFA0M02X8 CYSTEKEC-MSFA0M02X8 Datasheet
239Kb / 7P
   P-Channel Logic Level Enhancement Mode MOSFET with Schottky Diode
logo
SeCoS Halbleitertechnol...
SSY5829P SECOS-SSY5829P Datasheet
656Kb / 4P
   P-Channel Enhancement MOSFET With Schottky Diode
logo
Diodes Incorporated
DMS3014SSS DIODES-DMS3014SSS Datasheet
163Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32265 Rev. 3 - 2
DMS3016SSSA DIODES-DMS3016SSSA_15 Datasheet
163Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
logo
Anpec Electronics Corop...
APM2800B ANPEC-APM2800B Datasheet
224Kb / 11P
   N-Channel Enhancement Mode MOSFET with Schottky Diode
logo
Diodes Incorporated
DMG4712SSS DIODES-DMG4712SSS Datasheet
159Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32040 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com