Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM3009NU Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM3009NU
Description  N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM3009NU Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM3009NU Datasheet HTML 1Page - Anpec Electronics Coropration APM3009NU Datasheet HTML 2Page - Anpec Electronics Coropration APM3009NU Datasheet HTML 3Page - Anpec Electronics Coropration APM3009NU Datasheet HTML 4Page - Anpec Electronics Coropration APM3009NU Datasheet HTML 5Page - Anpec Electronics Coropration APM3009NU Datasheet HTML 6Page - Anpec Electronics Coropration APM3009NU Datasheet HTML 7Page - Anpec Electronics Coropration APM3009NU Datasheet HTML 8Page - Anpec Electronics Coropration APM3009NU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Oct., 2005
www.anpec.com.tw
4
APM3009NU
1E-4
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
2
Mounted on 1in
2 pad
R
θJA
:50
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
Typical Characteristics
Power Dissipation
Tj - Junction Temperature (°C)
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
0
20
40
60
80 100 120 140 160 180
0
10
20
30
40
50
60
T
A
=25
oC
0
20
40
60
80 100 120 140 160 180
0
10
20
30
40
50
60
T
C
=25
oC,V
G
=10V
0.1
1
10
80
0.1
1
10
100
300
1s
10ms
100ms
DC
Rds(on)
Limit
T
c
=25
oC


Similar Part No. - APM3009NU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM3009NUC ANPEC-APM3009NUC Datasheet
716Kb / 12P
   N-Channel Enhancement Mode MOSFET
APM3009NUC-TR ANPEC-APM3009NUC-TR Datasheet
716Kb / 12P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM3009NUC-TRL VBSEMI-APM3009NUC-TRL Datasheet
1,020Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM3009NUC-TU ANPEC-APM3009NUC-TU Datasheet
716Kb / 12P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM3009NU

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com