Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5312-26S5I-TRL Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5312-26S5I-TRL
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5312-26S5I-TRL Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5312-26S5I-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5312-26S5I-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5312-26S5I-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5312-26S5I-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5312-26S5I-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL5312-26S5I-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL5312-26S5I-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APL5312-26S5I-TRL Datasheet HTML 14Page - Anpec Electronics Coropration APL5312-26S5I-TRL Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2005
APL5312
www.anpec.com.tw
11
Packaging Information
SOT-23-5
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
0.95
1.45
0.037
0.057
A1
0.05
0.15
0.002
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.55
0.0138
0.0217
D
2.8
3.00
0.110
0.118
E
2.6
3.00
0.102
0.118
E1
1.5
1.70
0.059
0.067
e
0.95
0.037
e1
1.90
0.075
L
0.35
0.55
0.014
0.022
L1
0.20 BSC
0.008 BSC
L2
0.5
0.7
0.020
0.028
a
0
°
10
°
0
°
10
°
e1
E1
E
b
1
2
3
4
5
e
D
A2
A
A1
L 2
L
L 1
a


Similar Part No. - APL5312-26S5I-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215BI-TRG ANPEC-APL531215BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215S5I-TRG ANPEC-APL531215S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230BI-TRG ANPEC-APL531230BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230S5I-TRG ANPEC-APL531230S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5312-26S5I-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com