Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4240KC-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM4240KC-TR
Description  N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4240KC-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM4240KC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM4240KC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM4240KC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM4240KC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM4240KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM4240KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM4240KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM4240KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM4240KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Apr., 2005
APM4240K
www.anpec.com.tw
2
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
25
VGSS
Gate-Source Voltage
±20
V
ID*
Continuous Drain Current
15
IDM*
300
µs Pulsed Drain Current
VGS=10V
60
A
IS*
Diode Continuous Forward Current
3.6
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
2
PD*
Maximum Power Dissipation
TA=100°C
0.8
W
RθJA*
Thermal Resistance-Junction to Ambient
62.5
°C/W
Note:
*Surface Mounted on 1in
2 pad area, t
≤ 10sec.
APM4240K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Drain-Source Avalanche Ratings
EAS
Avalanche Energy, Single Pulsed
ID=20A, VDD=15V
45
mJ
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250
µA
25
V
VDS=20V, VGS=0V
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250
µA
1.3
2
2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
±100
nA
VGS=10V, IDS=15A
4.5
6
VGS=4.5V, IDS=10A
6.5
8
RDS(ON)
a
Drain-Source On-state Resistance
VGS=4.5V, IDS=10A,
TJ=125°C
9
12.5
m
VSD
a
Diode Forward Voltage
ISD=3.6A, VGS=0V
0.7
1.3
V
Gate Charge Characteristics
b
Qg
Total Gate Charge
38
50
Qgs
Gate-Source Charge
13
Qgd
Gate-Drain Charge
VDS=10V, VGS=4.5V,
IDS=15A
17
nC


Similar Part No. - APM4240KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4220 ANPEC-APM4220 Datasheet
125Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM4220K ANPEC-APM4220K Datasheet
125Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM4220KA ANPEC-APM4220KA Datasheet
145Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM4220KAC-TR ANPEC-APM4220KAC-TR Datasheet
145Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM4220KAC-TRL ANPEC-APM4220KAC-TRL Datasheet
145Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4240KC-TR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com