Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5309-22BC Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5309-22BC
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5309-22BC Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5309-22BC Datasheet HTML 5Page - Anpec Electronics Coropration APL5309-22BC Datasheet HTML 6Page - Anpec Electronics Coropration APL5309-22BC Datasheet HTML 7Page - Anpec Electronics Coropration APL5309-22BC Datasheet HTML 8Page - Anpec Electronics Coropration APL5309-22BC Datasheet HTML 9Page - Anpec Electronics Coropration APL5309-22BC Datasheet HTML 10Page - Anpec Electronics Coropration APL5309-22BC Datasheet HTML 11Page - Anpec Electronics Coropration APL5309-22BC Datasheet HTML 12Page - Anpec Electronics Coropration APL5309-22BC Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2004
APL5308/9
www.anpec.com.tw
11
Physical Specifications
t 25 C to Peak
tp
Ram p-up
t
L
Ram p-down
ts
Preheat
Tsm ax
Tsm in
T
L
T
P
25
Tim e
Critical Zone
T
L to T P
°
Reflow Condition (IR/Convection or VPR Reflow)
Classificatin Reflow Profiles
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Profile Feature
Large Body
Small Body
Large Body
Small Body
Average ramp-up rate
(TL to TP)
3
°C/second max.
3
°C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Mix (Tsmax)
- Time (min to max)(ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Tsmax to TL
- Ramp-up Rate
3
°C/second max
Tsmax to TL
- Temperature(TL)
- Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(Tp)
225 +0/-5
°C
240 +0/-5
°C
245 +0/-5
°C
250 +0/-5
°C
Time within 5
°C of actual Peak
Temperature(tp)
10-30 seconds
10-30 seconds
10-30 seconds
20-40 seconds
Ramp-down Rate
6
°C/second max.
6
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package. Measured on the body surface.
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.


Similar Part No. - APL5309-22BC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5309-22B ANPEC-APL5309-22B Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5309-22BC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com