Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5308-23BC Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5308-23BC
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5308-23BC Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5308-23BC Datasheet HTML 4Page - Anpec Electronics Coropration APL5308-23BC Datasheet HTML 5Page - Anpec Electronics Coropration APL5308-23BC Datasheet HTML 6Page - Anpec Electronics Coropration APL5308-23BC Datasheet HTML 7Page - Anpec Electronics Coropration APL5308-23BC Datasheet HTML 8Page - Anpec Electronics Coropration APL5308-23BC Datasheet HTML 9Page - Anpec Electronics Coropration APL5308-23BC Datasheet HTML 10Page - Anpec Electronics Coropration APL5308-23BC Datasheet HTML 11Page - Anpec Electronics Coropration APL5308-23BC Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2004
APL5308/9
www.anpec.com.tw
8
SOT-23
Packaging Information
D
E
H
e
A
A1
L
C
B
3
2
1
M illim et er s
In ch es
Dim
Min .
Ma x .
Min .
Ma x .
A
1.00
1.30
0.039
0.051
A 1
0.00
0.10
0.000
0.004
B
0.35
0.51
0.014
0.020
C
0.10
0.25
0.004
0.010
D
2.70
3.10
0.106
0.122
E
1.40
1.80
0.055
0.071
e
1.90/2.1 B S C
0.075/0.083 B S C
H
2.40
3.00
0.094
0.118
L
0.37
0.015


Similar Part No. - APL5308-23BC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308-23B ANPEC-APL5308-23B Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5308-23BC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com