Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5508R-33AC Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5508R-33AC
Description  Low IQ, Low Dropout 560mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5508R-33AC Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5508R-33AC Datasheet HTML 1Page - Anpec Electronics Coropration APL5508R-33AC Datasheet HTML 2Page - Anpec Electronics Coropration APL5508R-33AC Datasheet HTML 3Page - Anpec Electronics Coropration APL5508R-33AC Datasheet HTML 4Page - Anpec Electronics Coropration APL5508R-33AC Datasheet HTML 5Page - Anpec Electronics Coropration APL5508R-33AC Datasheet HTML 6Page - Anpec Electronics Coropration APL5508R-33AC Datasheet HTML 7Page - Anpec Electronics Coropration APL5508R-33AC Datasheet HTML 8Page - Anpec Electronics Coropration APL5508R-33AC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Mar., 2004
APL5508/5508R/5509/5509R
www.anpec.com.tw
2
P a ckage C ode
A : S O T -2 3
D : S O T -8 9
V : S O T -2 2 3
T e m p . R a nge
C : 0 to 7 0 C
H andlin g C ode
TR : Ta pe & R e e l
V o ltage C ode :
15 : 1 .5V ~ 4 5 : 4.5 V
Lea d F ree D e vice
L : L ead F ree D e vice
B lan k : O rig in a l D e vice
A P L5 50 8/9/R -
H andlin g C ode
T e m p . R a nge
P a ckage C ode
V o ltage C ode
A P L55 08/9/R
XX XX X
1 5
XX XX X
- D a te C o d e
;
1 5 - 1 .5 V
A P L55 08/9/R -15 D /V :
Lea d F ree C o d e
Product
Name
Marking
Product
Name
Marking
Product
Name
Marking
Product
Name
Marking
APL5508-15A
589X
APL5508R-15A
58R9X
APL5509-15A
599X
APL5509R-15A
59R9X
APL5508-16A
58AX
APL5508R-16A 58RAX
APL5509-16A
59AX
APL5509R-16A 59RAX
APL5508-17A
58BX
APL5508R-17A 58RBX
APL5509-17A
59BX
APL5509R-17A 59RBX
APL5508-18A
58CX
APL5508R-18A 58RCX
APL5509-18A
59CX
APL5509R-18A 59RCX
APL5508-19A
58DX
APL5508R-19A 58RDX
APL5509-19A
59DX
APL5509R-19A 59RDX
APL5508-20A
58EX
APL5508R-20A 58REX
APL5509-20A
59EX
APL5509R-20A 59REX
APL5508-21A
58FX
APL5508R-21A
58RFX
APL5509-21A
59FX
APL5509R-21A
59RFX
APL5508-22A
58GX
APL5508R-22A 58RGX
APL5509-22A
59GX
APL5509R-22A 59RGX
APL5508-23A
58HX
APL5508R-23A 58RHX
APL5509-23A
59HX
APL5509R-23A 59RHX
APL5508-24A
58IX
APL5508R-24A
58RIX
APL5509-24A
59IX
APL5509R-24A
59RIX
APL5508-25A
58JX
APL5508R-25A
58RJX
APL5509-25A
59JX
APL5509R-25A
59RJX
APL5508-26A
58KX
APL5508R-26A 58RKX
APL5509-26A
59KX
APL5509R-26A 59RKX
APL5508-27A
58LX
APL5508R-27A
58RLX
APL5509-27A
59LX
APL5509R-27A
59RLX
APL5508-28A
58MX
APL5508R-28A 58RMX
APL5509-28A
59MX
APL5509R-28A 59RMX
APL5508-29A
58NX
APL5508R-29A 58RNX
APL5509-29A
59NX
APL5509R-29A 59RNX
APL5508-30A
58OX
APL5508R-30A 58ROX
APL5509-30A
59OX
APL5509R-30A 59ROX
APL5508-31A
58PX
APL5508R-31A 58RPX
APL5509-31A
59PX
APL5509R-31A 59RPX
APL5508-32A
58QX
APL5508R-32A 58RQX
APL550932A
59QX
APL5509R-32A 59RQX
APL5508-33A
58RX
APL5508R-33A 58RRX
APL5509-33A
59RX
APL5509R-33A 59RRX
APL5508-34A
58SX
APL5508R-34A 58RSX APL5509-34 A
59SX
APL5509R-34 A 59RSX
APL5508-35A
58TX
APL5508R-35A
58RTX
APL5509-35A
59TX
APL5509R-35A
59RTX
APL5508-43A
58UX
APL5508R-43A 58RUX
APL5509-43A
59UX
APL5509R-43A 59RUX
APL5508-45A
58VX
APL5508R-45A
58RVX
APL5509-45A
59VX
APL5509R-45A
59RVX
Ordering and Marking Information
°
Marking Information
SOT-23 package
The last character “X” in the marking is for data code.


Similar Part No. - APL5508R-33AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5508R-33AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com