Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4431K Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM4431K
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4431K Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM4431K Datasheet HTML 1Page - Anpec Electronics Coropration APM4431K Datasheet HTML 2Page - Anpec Electronics Coropration APM4431K Datasheet HTML 3Page - Anpec Electronics Coropration APM4431K Datasheet HTML 4Page - Anpec Electronics Coropration APM4431K Datasheet HTML 5Page - Anpec Electronics Coropration APM4431K Datasheet HTML 6Page - Anpec Electronics Coropration APM4431K Datasheet HTML 7Page - Anpec Electronics Coropration APM4431K Datasheet HTML 8Page - Anpec Electronics Coropration APM4431K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
2
APM4431K
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-30
VGSS
Gate-Source Voltage
±20
V
ID*
Continuous Drain Current
-5.3
IDM*
Pulsed Drain Current
VGS=-10V
-20
A
IS*
Diode Continuous Forward Current
-2.3
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
2
PD*
Maximum Power Dissipation
TA=100°C
0.8
W
RθJA*
Thermal Resistance-Junction to Ambient
62.5
°C/W
Note:
*Surface Mounted on 1in
2 pad area, t ≤ 10sec.
APM4431K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250
µA
-30
V
VDS=-24V, VGS=0V
-1
IDSS
Zero Gate Voltage Drain Current
TA=25°C
-30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250
µA
-1
-1.5
-2
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
±100
nA
VGS=-10V, IDS=-5.3A
32
40
RDS(ON)
a
Drain-Source On-state Resistance
VGS=-4.5V, IDS=-2A
50
60
m
VSD
a
Diode Forward Voltage
ISD=-2.3A, VGS=0V
-0.8
-1.3
V
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
4
Ciss
Input Capacitance
1460
Coss
Output Capacitance
225
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=-25V,
Frequency=1.0MHz
155
pF
td(ON)
Turn-on Delay Time
12
22
Tr
Turn-on Rise Time
15
22
td(OFF)
Turn-off Delay Time
35
58
Tf
Turn-off Fall Time
VDD=-15V,RL=-15
Ω,
IDS=-1A,VGEN=10V,
RG=6
15
30
ns


Similar Part No. - APM4431K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4430 ANPEC-APM4430 Datasheet
179Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4430K ANPEC-APM4430K Datasheet
121Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4430KC-TR ANPEC-APM4430KC-TR Datasheet
179Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4430KC-TR ANPEC-APM4430KC-TR Datasheet
121Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4430KC-TRL ANPEC-APM4430KC-TRL Datasheet
121Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4431K

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com