Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4463K Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM4463K
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4463K Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM4463K Datasheet HTML 1Page - Anpec Electronics Coropration APM4463K Datasheet HTML 2Page - Anpec Electronics Coropration APM4463K Datasheet HTML 3Page - Anpec Electronics Coropration APM4463K Datasheet HTML 4Page - Anpec Electronics Coropration APM4463K Datasheet HTML 5Page - Anpec Electronics Coropration APM4463K Datasheet HTML 6Page - Anpec Electronics Coropration APM4463K Datasheet HTML 7Page - Anpec Electronics Coropration APM4463K Datasheet HTML 8Page - Anpec Electronics Coropration APM4463K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
P-Channel Enhancement Mode MOSFET
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM4463K
Features
Applications
Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems
Pin Description
Ordering and Marking Information
P-Channel MOSFET
APM 4463
H andling C ode
Tem p. Range
Package C ode
Package C ode
K : SO P-8
O perating Junction T em p. R ange
C : -55 to 150°C
H andling C ode
T R : T ape & R eel
Lead Free Code
L : Lead Free D evice Blank : O riginal D evice
APM 4463 K :
XXXXX - Date Code
Lead Free Code
APM 4463
XXXXX
-20V/-10A ,
R
DS(ON)=12mΩ(typ.) @ VGS=-4.5V
R
DS(ON)=18mΩ(typ.) @ VGS=-2.5V
••••• Super High Dense Cell Design
••••• Reliable and Rugged
••••• SOP-8 Package
••••• Lead Free Available (RoHS Compliant)
S
S
S
G
D
D
D
D
Top View of SOP
− 8
G
D
S
S
S
DD D
(4)
(1, 2, 3)
(5, 6, 7, 8)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.


Similar Part No. - APM4463K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461KC-TR ANPEC-APM4461KC-TR Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4463K

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com