Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4804K Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APM4804K
Description  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4804K Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APM4804K Datasheet HTML 2Page - Anpec Electronics Coropration APM4804K Datasheet HTML 3Page - Anpec Electronics Coropration APM4804K Datasheet HTML 4Page - Anpec Electronics Coropration APM4804K Datasheet HTML 5Page - Anpec Electronics Coropration APM4804K Datasheet HTML 6Page - Anpec Electronics Coropration APM4804K Datasheet HTML 7Page - Anpec Electronics Coropration APM4804K Datasheet HTML 8Page - Anpec Electronics Coropration APM4804K Datasheet HTML 9Page - Anpec Electronics Coropration APM4804K Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Mar., 2005
APM4804K
www.anpec.com.tw
7
Packaging Information
M i ll im e t er s
I nc he s
Dim
Min .
Max .
Min .
Max .
A
1 . 3 5
1 . 7 5
0 . 053
0. 069
A 1
0. 10
0. 25
0. 004
0. 010
D
4 . 8 0
5 . 0 0
0 . 189
0. 197
E
3 . 8 0
4 . 0 0
0 . 150
0. 157
H
5 . 8 0
6 . 2 0
0 . 228
0. 244
L
0 . 4 0
1 . 2 7
0 . 016
0. 050
e1
0. 33
0. 51
0. 013
0. 020
e2
1. 27B S C
0. 50B S C
φ 18°
8
°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)


Similar Part No. - APM4804K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4800 ANPEC-APM4800 Datasheet
148Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM4800KC-TR ANPEC-APM4800KC-TR Datasheet
148Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM4800KC-TU ANPEC-APM4800KC-TU Datasheet
148Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4804K

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com