Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM7320KC-TR Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM7320KC-TR
Description  Dual N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM7320KC-TR Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM7320KC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM7320KC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM7320KC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM7320KC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM7320KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM7320KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM7320KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM7320KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM7320KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
3
APM7320K
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM7320K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
2.4
Ciss
Input Capacitance
1290
Coss
Output Capacitance
300
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=15V,
Frequency=1.0MHz
210
pF
td(ON)
Turn-on Delay Time
35
70
Tr
Turn-on Rise Time
80
160
td(OFF)
Turn-off Delay Time
115
235
Tf
Turn-off Fall Time
VDD=10V, RL=10
Ω,
IDS=1A, VGEN=4.5V,
RG=6
40
85
ns
Notes:
a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
b : Guaranteed by design, not subject to production testing.


Similar Part No. - APM7320KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM7322KC-TR ANPEC-APM7322KC-TR Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM7322KC-TRL ANPEC-APM7322KC-TRL Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM7322KC-TU ANPEC-APM7322KC-TU Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM7322KC-TUL ANPEC-APM7322KC-TUL Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM7320KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com