Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM9935KC-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM9935KC-TRL
Description  Dual P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9935KC-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM9935KC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APM9935KC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APM9935KC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APM9935KC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APM9935KC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APM9935KC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APM9935KC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APM9935KC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APM9935KC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
5
APM9935K
Drain-Source On Resistance
-ID - Drain Current (A)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
-VDS - Drain - Source Voltage (V)
Output Characteristics
Transfer Characteristics
-VGS - Gate - Source Voltage (V)
Typical Characteristics (Cont.)
02
4
6
8
10
0
2
4
6
8
10
12
14
16
18
20
-1.5V
-2V
V
GS
= -3, -4, -5, -6, -7, -8, -9, -10V
0
4
8
121620
10
15
20
25
30
35
40
45
50
55
60
V
GS
= -2.5V
V
GS
= -4.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
14
16
18
20
T
j
=125
oC
T
j
=25
oC
T
j
=-55
o
C
-50
-25
0
255075
100
125
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
I
DS
= -250
µA


Similar Part No. - APM9935KC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9935 ANPEC-APM9935 Datasheet
226Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM9935KC-TRL

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com