Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW1173KAC-TU Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW1173KAC-TU
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1173KAC-TU Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW1173KAC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APW1173KAC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW1173KAC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW1173KAC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW1173KAC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW1173KAC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW1173KAC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW1173KAC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW1173KAC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2A SWITCH STEP DOWN SWITCHING REGULATOR
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2005
APW1173
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Pin Description
Features
Consumer: STB, DVD, TV, VCR, Car Radio,
LCD monitors
Networking: XDSL, Modems, DC-DC Modules
Computer: Printers, Audio/Graphic Cards,
Optical Storage, Hard Disk Drive
Industrial: Chargers, Car Battery DC-DC
Converters
2A Internal Switch
Operating Input Voltage from 4.8V to 22V
3.3V ±2% Reference Voltage
Output Voltage :
APW1173 - adjustable from 1.235V to 20V
Low Dropout Operation: 100% Duty Cycle
500KHz Internally Fixed Frequency
Voltage Feed-Forward
Zero Load Current Operation
Internal Current Limit
Inhibit for Zero Current Consumption
Synchronization
Protection Against Feedback Disconnection
Thermal Protection
External Soft-Start
Over-Voltage Protection
Lead Free Available (RoHS Compliant)
Applications
The APW 1173 is a step down monolithic power
switching regulator with a switching current limit of
3.8A so it is able to deliver more than 2A DC current to
the load depending on the application conditions.
The output voltage can be set from 1.235V to 22V.The
high current level is also achieved utilize an SO8
package with exposed pad frame. The type of package
allows to re-duce the Rth (j-amb) down to approximately
45
°C/W.
An internal oscillator fixes the switching frequency at
500KHz.
Having a minimum input voltage of 4.8V only, it is
particularly suitable for 5V bus, available in all computer
related applications.
Pulse by pulse current limit with the internal frequency
modulation offers an effective constant current short.
circuit protection.
General Description
= Thermal Pad
(connected to GND plane for better heat
dissipation)
SOP-8-P (Top View)
1
2
3
4
8
7
6
5
VCC
GND
VREF
FB
OUT
SYNC
INH
COMP


Similar Part No. - APW1173KAC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TR ANPEC-APW1172KAC-TR Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TRL ANPEC-APW1172KAC-TRL Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TU ANPEC-APW1172KAC-TU Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TUL ANPEC-APW1172KAC-TUL Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
More results

Similar Description - APW1173KAC-TU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
   2A switch step down switching regulator
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
   2A switch step down switching regulator
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
   2A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
   2A Step-Down Switch-Mode Regulator
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
   2A switch step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com