Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APV2002KI-W Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APV2002KI-W
Description  Crystal Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APV2002KI-W Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APV2002KI-W Datasheet HTML 1Page - Anpec Electronics Coropration APV2002KI-W Datasheet HTML 2Page - Anpec Electronics Coropration APV2002KI-W Datasheet HTML 3Page - Anpec Electronics Coropration APV2002KI-W Datasheet HTML 4Page - Anpec Electronics Coropration APV2002KI-W Datasheet HTML 5Page - Anpec Electronics Coropration APV2002KI-W Datasheet HTML 6Page - Anpec Electronics Coropration APV2002KI-W Datasheet HTML 7Page - Anpec Electronics Coropration APV2002KI-W Datasheet HTML 8Page - Anpec Electronics Coropration APV2002KI-W Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Nov., 2002
APV2002
www.anpec.com.tw
2
APV2002
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Operating condition
VDD
Supply Voltage
4.5
5
5.5
V
Ambient Temperature
-40
85
°C
DC characteristics
Freq
Crystal Frequency
0.5
60
MHz
IDD
Operating Current
Crystal 50MHz , C
L = 50pF
20
mA
VIN
Input Voltage
-0.5
VDD+0.5V
VOUT
Output Voltage
-0.5
VDD+0.5V
AC characteristics
Duty
Waveform Symmetry
40
50
60
%
Tr
Rise Time
0.5V to 4.5V , C
L = 50pF
3
ns
Tf
Fall Time
4.5V to 0.5V , C
L = 50pF
3
ns
Electrical Characteristics
Pin
S y m bol
Fun c tio n
1
X T B
C ry s tal driv e
2
S 0 (N o te 1 )
F requ en c y s e le c t p in1
3
S 1
F requ en c y s e le c t p in2
4
GN D
G ro u n d
5
Q O
F re q u e n c y output
6
V D D
P ow er
7
O E (N o te 2 )
O utpu t e nab le
8
X T
C rysta l fe e d b a ck
N o te1 : P lea s e re fe r frequ enc y s e le c tor
N o te2 : H igh o r no c onnec tion : e nable , Low : dis a ble
Pin Description
The following specifications apply for VDD = 5V unless otherwise noted.


Similar Part No. - APV2002KI-W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
APV21 PANASONIC-APV21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
APV21 ETC2-APV21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
APV21 ETC2-APV21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
APV21 ETC2-APV21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
Panasonic Semiconductor
APV2111V PANASONIC-APV2111V Datasheet
74Kb / 3P
   PHOTOVOLTAIC MOSFET DRIVER Extensive product lineup Space saving
More results

Similar Description - APV2002KI-W

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com