Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7401DN-RC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7401DN-RC
Description  R-C Thermal Model Parameters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7401DN-RC Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7401DN-RC Datasheet HTML 1Page - Vishay Siliconix SI7401DN-RC Datasheet HTML 2Page - Vishay Siliconix SI7401DN-RC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vishay Siliconix
Si7401DN_RC
Document Number: 73834
Revision 03-Mar-06
www.vishay.com
1
R-C Thermal Model Parameters
DESCRIPTION
The parametric values in the R-C thermal model have
been derived using curve-fitting techniques. These
techniques are described in "A Simple Method of
Generating Thermal Models for a Power MOSFET"[1].
When implemented in P-Spice, these values have
matching characteristic curves to the Single Pulse
Transient
Thermal
Impedance
curves
for
the
MOSFET.
R-C values for the electrical circuit in the Foster/Tank
and Cauer/Filter configurations are included.
Note:
For a detailed explanation of implementing these values in
P-SPICE, refer to Application Note AN609 Thermal Simulations Of
Power MOSFETs on P-SPICE Platform.
R-C THERMAL MODEL FOR TANK CONFIGURATION
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data
sheet of the same number for guaranteed specification limits.
R-C VALUES FOR TANK CONFIGURATION
Thermal Resistance (°C/W)
Junction to
Ambient
Case
Foot
RT1
4.5197
362.3679 u
N/A
RT2
7.4284
504.3467 m
N/A
RT3
11.8825
972.1139 m
N/A
RT4
56.6379
937.1926 m
N/A
Thermal Capacitance (Joules/°C)
Junction to
Ambient
Case
Foot
CT1
6.7430 m
1.9260 m
N/A
CT2
32.7582 m
787.5516 u
N/A
CT3
109.4727 m
18.2079 m
N/A
CT4
1.1804
9.3126 m
N/A


Similar Part No. - SI7401DN-RC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SI7401DN AD-SI7401DN Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
logo
Vishay Siliconix
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
logo
Analog Devices
Si7401DN AD-Si7401DN Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results

Similar Description - SI7401DN-RC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2323DS-RC VISHAY-SI2323DS-RC Datasheet
185Kb / 3P
   R-C Thermal Model Parameters
Revision 22-Aug-05
SI7136DP-RC VISHAY-SI7136DP-RC Datasheet
177Kb / 3P
   R-C Thermal Model Parameters
Revision 16-Jan-06
logo
Vaishali Semiconductor
SI4856ADY-RC VAISH-SI4856ADY-RC Datasheet
191Kb / 3P
   R-C Thermal Model Parameters
logo
Vishay Siliconix
SI4378DY_RC VISHAY-SI4378DY_RC Datasheet
348Kb / 3P
   R-C Thermal Model Parameters
Revision 02-Mar-06
SI3865BDV_RC VISHAY-SI3865BDV_RC Datasheet
84Kb / 3P
   R-C Thermal Model Parameters
Revision: 07-May-07
SI4416DY_RC VISHAY-SI4416DY_RC Datasheet
212Kb / 3P
   R-C Thermal Model Parameters
Revision 31-Aug-05
SI4496DY VISHAY-SI4496DY Datasheet
193Kb / 3P
   R - C Thermal Model Parameters
Revision 02-Sep-05
SI4483EDY_RC VISHAY-SI4483EDY_RC Datasheet
194Kb / 3P
   R-C Thermal Model Parameters
Revision 01-Sep-05
SI4362BDY-RC VISHAY-SI4362BDY-RC Datasheet
348Kb / 3P
   R-C Thermal Model Parameters
Revision 03-Mar-06
SUD50N06-07L-RC VISHAY-SUD50N06-07L-RC Datasheet
99Kb / 3P
   R-C Thermal Model Parameters
Revision: 10-Sep-07
SI6968BEDQ_RC VISHAY-SI6968BEDQ_RC Datasheet
69Kb / 3P
   R-C Thermal Model Parameters
Revision: 11-Jul-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com