Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7015KC-TR Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7015KC-TR
Description  Advanced PWM and Dual Linear Power Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7015KC-TR Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7015KC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APW7015KC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APW7015KC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APW7015KC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APW7015KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APW7015KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. P.1 - Mar., 2000
APW7015
www.anpec.com.tw
4
Electrical Characteristics Cont.
APW7015
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PWM Controller Gate Driver
I
UGATE
UGATE Source
V
CC=12V, VUGATE =6V
1
A
R
UGATE
UGATE Sink
V
UGATE1-PHASE =1V
3.5
I
LGATE
LGATE Source
V
CC=12V, VLGATE =1V
1
A
R
LGATE
LGATE Sink
V
LGATE= 1V
3
Protection
VSEN1 Over-Voltage
(VSEN1/DACOUT)
VSEN1 Rising
115
120
%
I
OVP
FAULT Souring Current
V
FAULT/RT=2.0V
8.5
mA
I
OCSET
OCSET Current Source
V
OCSET= 4.5VDC
170
200
230
µA
I
SS
Soft Start Current
28
µA
Power Good
VSEN1 Upper Threshold
(VSEN1/DACOUT)
VSEN1 Rising
108
110
%
VSEN1 Under Voltage
(VSEN1/DACOUT)
VSEN1 Rising
92
94
%
VSEN1 Hysteresis (VSEN1
/DACOUT)
Upper /Lower Threshold
2
%
V
PGOOD
PGOOD Voltage Low
I
PGOOD= -4mA
0.8
V
Functional Pin Description
VCC (Pin 1)
Provide a 12V bias supply for the IC to this pin. This
pin also provides the gate bias charge for all the
MOSFETs controlled by the IC. The voltage at this
pin is monitored for Power-On Reset (POR) purposes.
DRIVE2 (Pin 2)
Connect this pin to the gate of an external MOSFET.
This pin provides the drive for the NVVDD regulator’s
pass transistor.
VID2, VID1, VID0 (Pins 5, 6 and 7)
VID0-2 are the TTL-compatible input pins to the 3-bit
DAC. The logic states of these three pins program
the internal voltage reference (DACOUT). The level
of DACOUT sets the VTT converter output voltage,
as well as the corresponding PGOOD and OVP
thresholds.
PGOOD (Pin 8)
PGOOD is an open collector output used to indicate
the status of the output voltages. This pin is pulled
low when the synchronous regulator output is not
within
±10% of the DACOUT reference voltage or
when any of the other outputs are below their under-
voltage thresholds.
VSEN2 (Pin 9)
Connect this pin to a resistor divider to set the linear
regulator (NVVDD) output voltage.


Similar Part No. - APW7015KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
APW7016KC-TR ANPEC-APW7016KC-TR Datasheet
114Kb / 11P
   Advanced PWM Power Controller
APW7016KC-TU ANPEC-APW7016KC-TU Datasheet
114Kb / 11P
   Advanced PWM Power Controller
APW7016NC-TR ANPEC-APW7016NC-TR Datasheet
114Kb / 11P
   Advanced PWM Power Controller
APW7016NC-TU ANPEC-APW7016NC-TU Datasheet
114Kb / 11P
   Advanced PWM Power Controller
More results

Similar Description - APW7015KC-TR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
   Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
   Advanced PWM and Dual Linear Power Control
January 1999
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
   Advanced PWM and Dual Linear Power Control
FN4496 INTERSIL-FN4496 Datasheet
323Kb / 14P
   Advanced PWM and Dual Linear Power Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com