Electronic Components Datasheet Search |
|
SIL10E-05S2V5-V Datasheet(PDF) 1 Page - Artesyn Technologies |
|
SIL10E-05S2V5-V Datasheet(HTML) 1 Page - Artesyn Technologies |
1 / 3 page DC/DC CONVERTERS E Class Non-isolated 1 2 YEAR WARRANTY SIL10E Series Single output NEW Product All specifications are typical at nominal input, full load at 25°C unless otherwise stated SPECIFICATIONS OUTPUT SPECIFICATIONS Voltage adjustability Fixed output versions ±10% 5Vin with wide trim 3.6V to 0.8V 3.3Vin with wide trim 2.75V to 0.8V Setpoint accuracy ±2.7% Line regulation ±1.0% Load regulation ±1.0% Minimum load 0A Overshoot/undershoot None Ripple and noise 50mV pk-pk 0 to 20MHz BW 25mV rms max. Temperature co-efficient ±0.01%/ºC Transient response 50mV max. deviation 50µs recovery to within ±1.0% Remote sense 10% Vo compensation INPUT SPECIFICATIONS Input voltage range 3.0 to 5.5VDC Input current No load 70mA Input current (max.) 8A max. @ Io max. and Vout = 3.3V Input current ripple 65mA rms Remote ON/OFF (See Note 1) Start-up time 20ms File Name: sil10e.pdf Rev: 27 Feb 2003 International Safety Standard Approvals UL/cUL CAN/CSA 22.2 No. E174104 UL60950 file No. E174104 TÜV TÜV Product Service (EN60950) Certificate No. B02 12 38572 035 CB report and certificate to IEC60950 EMC CHARACTERISTICS Electrostatic discharge EN61000-4-2, IEC801-2 Conducted immunity EN61000-4-6 Radiated immunity EN61000-4-3 GENERAL SPECIFICATIONS Efficiency See table Insulation voltage Non-isolated Switching frequency Fixed 300kHz typ. Approvals and EN60950 standards UL/cUL60950 Material flammability UL94V-0 Dimensions (LxWxH) 50.8 x 7.8 x 12.7mm (Vertical version) 2.0 x 0.31 x 0.5 inches Pin length Vertical 0.135 ±0.02 in (3.43 ±0.5mm) Weight 5g (0.18oz) MTBF Telcordia SR-332 7,042,000 ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient, -40ºC to +100ºC (See Note 2) Non-operating -40ºC to +125ºC PROTECTION Short-circuit protection Continuous Thermal protection Automatic recovery • 10A Current rating • Input voltage range: 3.0V - 5.5V • Output voltage range: 0.8V - 3.63V • Ultra high efficiency: 95% @ 5Vin and 3.3Vout • Extremely low internal power dissipation • Minimal thermal design concerns • Designed in reliability: MTBF of >7 million hours per Telcordia SR-332 • Ideal solution where board space is at a premium or tighter card pitch is required • Industry standard footprint and pin out The SIL10E series are non-isolated DC/DC converters packaged in a single-in-line footprint giving designers a cost effective solution for conversion from either a 5V or a 3.3V source. The SIL10E offers a range of fixed outputs and one wide trim output unit at an industry leading 10A which allows maximum design flexibility and a pathway for future upgrades. The SIL10E is designed for applications that include distributed power, workstations, optical network and wireless applications. Implemented using state of the art surface mount technology and automated manufacturing techniques, the SIL10E offers compact size and efficiencies of up to 95%. |
Similar Part No. - SIL10E-05S2V5-V |
|
Similar Description - SIL10E-05S2V5-V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |