Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW38HC44AKI-TRL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW38HC44AKI-TRL
Description  CMOS Current-Mode PWM Voltage Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW38HC44AKI-TRL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW38HC44AKI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW38HC44AKI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW38HC44AKI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW38HC44AKI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW38HC44AKI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW38HC44AKI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW38HC44AKI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW38HC44AKI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW38HC44AKI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Jan., 2003
APW38HC42A/3A/4A/5A
www.anpec.com.tw
3
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
24
V
V
ISNS
Current Sense Voltage
-0.3 to 5.5
V
V
FB
Feedback Voltage
-0.3 to 5.5
V
T
J
Junction Temperature Range
300
°C
T
STG
Storage Temperature
-65 to 150
°C
T
SDR
Soldering Temperature
300,10 Seconds
°C
V
ESD
Minimum ESD Rating
±3
kV
Thermal Characteristics
Symbol
Parameter
Value
Unit
θ
JA
Thermal Resistance in Free Air
DIP
SOP
125
175
°C/W
VDD =15V, Note3 ; RT=9.09K
Ω; CT=3.3nF; -40oC ≤ TA ≤ 85oC; unless noted
APW38HC4XA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
REFERENCE VOLTAGE
VREF
Reference Voltage
TA=25
°C, IO(Output Current)=1mA 4.90
5.00
5.10
V
REGline Line Regulation
12V
≤ VDD ≤ 18V, IO=5µA
120
mV
REGload Load Regulation
1mA
≤ IO ≤ 20mA
625
mV
Temp. Stability
0.2
mV/
°C
Total Output Variation
Line, Load, Temp.
4.82
5.18
V
Output Noise Voltage
10Hz
≤ f ≤10kHz, TA = 25oC
50
µV
Long Term Stability
TA = 125oC, 1000 hrs
5
25
mV
ISC
Output Short Circuit
-25
-55
-120
mA
OSCILLATOR
FOSC
Initial Accuracy
TA=25
°C, Note 4
49
52
55
kHz
Voltage Stability
12V
≤ VDD ≤ 18V
0.2
1.0
%
Temp. Stability
TMIN
≤ TA ≤ TMAX
0.03
%/
°C
TA=25
°C, VRT/CT=2V
7.7
8.4
9.0
IDISCHG
Clock Ramp Reset
Current
TA=TMIN to TMAX
7.2
8.4
9.5
mA
VOSC
Amplitude
VRT/CT peak to peak
1.6
VP-P
ERROR AMPLIFIER
Input Voltage
VCOMP=2.5V
2.42
2.50
2.58
V
Electrical Characteristics


Similar Part No. - APW38HC44AKI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712 ANPEC-APW300712 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TR ANPEC-APW300712KC-TR Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TU ANPEC-APW300712KC-TU Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300713 ANPEC-APW300713 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
More results

Similar Description - APW38HC44AKI-TRL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Linear Technology
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
   Low Voltage Current Mode PWM Controller
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com