Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8251AHQ Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA8251AHQ
Description  MAX POWER 30W BTL X 4CH AUDIO POWER IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8251AHQ Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8251AHQ Datasheet HTML 1Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 2Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 3Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 4Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 5Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 6Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 7Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 8Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TA8251AHQ
2004-09-28
3
Caution And Application Method
(description is made only on the single channel.)
1. Voltage gain adjustment
This IC has no NF (negative feedback) terminals. Therefore, the voltage gain can’t adjusted, but it makes the
device a space and total costs saver.
The voltage gain of amp. 1: GV1 = 0dB
The voltage gain of amp. 2A, B: GV2 = 28dB
The voltage gain of BTL connection: GV (BTL) = 6dB
Therefore, the total voltage gain is decided by expression below.
GV = GV1 + GV2 + GV (BTL) = 0 + 28 + 6 = 34dB
2. Stand−by SW function
By means of controlling pin(2) (stand−by terminal) to high
and low, the power supply can be set to on and off. The
threshold voltage of pin(2) is set at about 3V (typ.), and
the power supply current is about 100µA (typ.) at the
stand−by state.
Control voltage of pin(2): V (SB)
Stand
−By
Power
V (SB) (V)
On
Off
0~2
Off
On
3~VCC
Adjustage of stand−by SW
(1) Since VCC can directly be controlled to on or off by the
microcomputer, the switching relay can be omitted.
(2) Since the control current is microscopic the switching relay of small current capacity is satisfactory for
switching


Similar Part No. - TA8251AHQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8251AH TOSHIBA-TA8251AH Datasheet
563Kb / 12P
   MAX POWER 30W BTL x 4CH AUDIO POWER IC
More results

Similar Description - TA8251AHQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8251AH TOSHIBA-TA8251AH Datasheet
563Kb / 12P
   MAX POWER 30W BTL x 4CH AUDIO POWER IC
logo
KEC(Korea Electronics)
KIA8251AH KEC-KIA8251AH Datasheet
249Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 30W BTL X 4CH AUDIO POWER IC)
logo
Toshiba Semiconductor
T8251AH TOSHIBA-T8251AH Datasheet
552Kb / 13P
   MAX POWER 300W BTL x 4CH AUDIO POWER IC
TA8255AH TOSHIBA-TA8255AH Datasheet
551Kb / 12P
   MAX POWER 22W BTL x 4CH AUDIO POWER IC
TA8259H TOSHIBA-TA8259H Datasheet
368Kb / 15P
   MAX POWER 37 W BTL x 4CH AUDIO POWER IC
TA8262H TOSHIBA-TA8262H Datasheet
360Kb / 15P
   MAX POWER 43 W BTL x 4CH AUDIO POWER IC
TA8255AHQ TOSHIBA-TA8255AHQ Datasheet
1Mb / 13P
   Max Power 22W BTL × 4ch Audio Power IC
2004-09-28
TA8252H TOSHIBA-TA8252H Datasheet
360Kb / 14P
   Max Power 37W BTL 횞 4ch Audio Power IC
TA8260AH TOSHIBA-TA8260AH Datasheet
392Kb / 15P
   Max Power 40 W BTL 횞 4CH Audio Power IC
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com