Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR3021-19B Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APR3021-19B
Description  MicroPower Microprocessor Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR3021-19B Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APR3021-19B Datasheet HTML 3Page - Anpec Electronics Coropration APR3021-19B Datasheet HTML 4Page - Anpec Electronics Coropration APR3021-19B Datasheet HTML 5Page - Anpec Electronics Coropration APR3021-19B Datasheet HTML 6Page - Anpec Electronics Coropration APR3021-19B Datasheet HTML 7Page - Anpec Electronics Coropration APR3021-19B Datasheet HTML 8Page - Anpec Electronics Coropration APR3021-19B Datasheet HTML 9Page - Anpec Electronics Coropration APR3021-19B Datasheet HTML 10Page - Anpec Electronics Coropration APR3021-19B Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Oct., 2003
APR3021/2/3
www.anpec.com.tw
7
0
0.5
1
1.5
2
2.5
3
3.5
-40
-20
0
2040
6080
100
120
Vcc=3V
Vcc=5V
0
100
200
300
400
500
600
-40
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
-40
-20
0
204060
80
100 120
VOD=100mV
0.994
0.996
0.998
1
1.002
1.004
1.006
1.008
-40
-20
0
20
40
60
80
100 120
Normalized Reset Threshold vs. Temperature
Typical Characteristics
Temperature (
°C)
Reset Propagation Delay vs. Temperature
Temperature (
°C)
Reset Timeout Period vs. Temperature
Temperature (
°C)
Supply Current vs. Temperature
Temperature (
°C)


Similar Part No. - APR3021-19B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3001-15A ANPEC-APR3001-15A Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3001-15B ANPEC-APR3001-15B Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3001-16A ANPEC-APR3001-16A Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3001-16B ANPEC-APR3001-16B Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
More results

Similar Description - APR3021-19B

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com