Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD4002-180 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISD4002-180
Description  Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISD4002-180 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISD4002-180 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD4002-180 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Chip Voice Record/Playback Devices
2- to 16-Minute Durations
Recordings are stored in on-chip nonvolatile
memory cells, providing zero-power message stor-
age. This unique, single-chip solution is made
possible through ISD’s patented multilevel storage
technology. Voice and audio signals are stored
directly into memory in their natural form, provid-
ing high-quality, solid-state voice reproduction.
FEA TURES
Single-chip voice record/playback solution
Single +3 volt supply
Low-power consumption
Operating current:
I
CC Play = 15 mA (typical)
I
CC Rec = 25 mA (typical)
Standby current 1 µA (typical)
Single-chip durations of 2, 2.5, 3, 4, 5, 6, 8, 10,
12 and 16 minutes
High-quality, natural voice/audio reproduction
AutoMute feature provides background noise
attenuation during periods of silence
No speech compression algorithm development
required
Microcontroller SPI or Microwire serial
interface
Fully addressable to handle multiple messages
Nonvolatile message storage
Power consumption controlled by SPI or
Microwire control register
100-year message retention (typical)
100K record cycles (typical)
On-chip clock source
Available in die form, PDIP, SOIC, TSOP
and chip scale packaging (CSP)
Extended temperature (–20°C to +70°C) and
industrial temperature (–40°C to +85°C)
versions available
ISD4000 Series
Product
Brief
ISD4000
SERIES
BLOCK
DIAGRAM
XCLK
ANA IN–
ANA IN+
SCLK
SS
MOSI MISO INT
RAC
VCCA VSSA VSSA VSSA VSSD VCCD
Power Conditioning
Device Control
AUDOUT
Amp
AM CAP
Timing
Internal Clock
960K, 1920K, or
3840K Cell
Nonvolatile Multilevel
Storage Array
Analog Transceivers
Sampling Clock
5-Pole Active
Antialiasing Filter
Amp
AutoMute
Feature
5-Pole Active
Smoothing Filter
ISD40000 SERIES CAN BE USED IN VARIOUS APPLICATIONS:
• Cellular phones
• Portable Digital Recorders (PDR)
• Automotive
• Telephone Answering Devices (TAD)
The ISD4000 ChipCorder® Products provide
high-quality, 3-volt, single-chip record/playback
solutions for 2- to 16-minute messaging applications
which are ideal for cellular phones and other
portable products. The CMOS based devices
include an oscillator, antialiasing filter, smoothing
filter, AutoMute® feature, audio amplifier,
and high density, multilevel Flash storage
array. The ISD4000 series is designed
to be used in a microprocessor- or
microcontroller-based system. Address and control
are accomplished through a Serial Peripheral
Interface (SPI) or Microwire serial interface to mini-
mize pin count.


Similar Part No. - ISD4002-180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4002-180 ETC-ISD4002-180 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD4002-180E ETC-ISD4002-180E Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD4002-180ED ETC-ISD4002-180ED Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD4002-180EI ETC-ISD4002-180EI Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD4002-180P ETC-ISD4002-180P Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
More results

Similar Description - ISD4002-180

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com