Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2321-G Datasheet(PDF) 3 Page - AUK corp

Part # SA2321-G
Description  Side View LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SA2321-G Datasheet(HTML) 3 Page - AUK corp

  SA2321-G Datasheet HTML 1Page - AUK corp SA2321-G Datasheet HTML 2Page - AUK corp SA2321-G Datasheet HTML 3Page - AUK corp SA2321-G Datasheet HTML 4Page - AUK corp SA2321-G Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KSD-O8K003-001
3
SA2321-G
*3. Luminous intensity maximum tolerance for each grade classification limit is ±18%
(The test result of IF=20mA is only for reference)
*4.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
IV / λD Grade Classification (Ta=25℃)
Test Condition @ IF = 20mA
Luminous Intensity [mcd]
Dominant Wavelength [nm]
N : 230~350
a : 617~621
O : 350~520
b : 621~627


Similar Part No. - SA2321-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA23-11 ETC-SA23-11 Datasheet
769Kb / 6P
   57 MM SINGLE DIGIT NUMERIC DISPLA
logo
Kingbright Corporation
SA23-11EWA KINGBRIGHT-SA23-11EWA Datasheet
237Kb / 5P
   57mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-11GWA KINGBRIGHT-SA23-11GWA Datasheet
235Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-11SRWA KINGBRIGHT-SA23-11SRWA Datasheet
235Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-11YWA KINGBRIGHT-SA23-11YWA Datasheet
236Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA2321-G

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL2812BA2 EVERLIGHT-EAPL2812BA2 Datasheet
484Kb / 12P
   Side view LED.
logo
List of Unclassifed Man...
QBLP612-R ETC1-QBLP612-R Datasheet
629Kb / 12P
   Side View LED
logo
Seoul Semiconductor
SSWM41DI2 SEOUL-SSWM41DI2 Datasheet
1Mb / 22P
   Side View LED
SSHR41DL2 SEOUL-SSHR41DL2 Datasheet
1Mb / 24P
   Side View LED
SSWM31CQ2 SEOUL-SSWM31CQ2 Datasheet
1Mb / 21P
   Side View LED
logo
List of Unclassifed Man...
QBLP617-IB ETC1-QBLP617-IB Datasheet
683Kb / 13P
   Side View LED
QBLP617-YG ETC1-QBLP617-YG Datasheet
590Kb / 9P
   Side View LED
logo
Everlight Electronics C...
EAPL2812OA0 EVERLIGHT-EAPL2812OA0 Datasheet
935Kb / 11P
   Side view LED.
logo
Seoul Semiconductor
SSHR62LH9 SEOUL-SSHR62LH9 Datasheet
1Mb / 24P
   Side View LED
SKHR32AA0-A SEOUL-SKHR32AA0-A Datasheet
1Mb / 24P
   Side View LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com