Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2336-G Datasheet(PDF) 1 Page - AUK corp

Part # SA2336-G
Description  High Brightness Chip LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SA2336-G Datasheet(HTML) 1 Page - AUK corp

  SA2336-G Datasheet HTML 1Page - AUK corp SA2336-G Datasheet HTML 2Page - AUK corp SA2336-G Datasheet HTML 3Page - AUK corp SA2336-G Datasheet HTML 4Page - AUK corp SA2336-G Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-O8V004-001
1
SA2336-G
High Brightness Chip LED
Features
• Colorless transparency lens type
• Using a package with high heat dissipation properties,
it can be driven with a large current
• Wide viewing angle
• External dimensions : 3.5(L)×2.8(W)×1.9mm(T) surface mount type
Applications
• Backlighting
• Signal indicator
• Symbol backlighting
• Front panel indicator
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Anode
2. Cathode
2
0.70~0.90
0.20~0.40
1
2.15~2.25
2.75~2.85
1.85~1.95
0.75~0.85


Similar Part No. - SA2336-G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SA2336-G KODENSHI-SA2336-G Datasheet
205Kb / 5P
   Colorless transparency lens type
More results

Similar Description - SA2336-G

ManufacturerPart #DatasheetDescription
logo
AUK corp
SPG2336E-G AUK-SPG2336E-G Datasheet
264Kb / 5P
   High Brightness Chip LED
SW2336E-H AUK-SW2336E-H Datasheet
216Kb / 6P
   High Brightness Chip LED
SY2336-E AUK-SY2336-E Datasheet
206Kb / 5P
   High Brightness Chip LED
SA2336-D AUK-SA2336-D Datasheet
239Kb / 5P
   High Brightness Chip LED
SM2336-E AUK-SM2336-E Datasheet
206Kb / 5P
   High Brightness Chip LED
SY1216-C AUK-SY1216-C Datasheet
193Kb / 5P
   High Brightness Chip LED
SO2336-G AUK-SO2336-G Datasheet
206Kb / 5P
   High Brightness Chip LED
SSB2336E-G AUK-SSB2336E-G Datasheet
212Kb / 6P
   High Brightness Chip LED
SY1216-D AUK-SY1216-D Datasheet
193Kb / 5P
   High brightness Chip LED
SPG1316E-H AUK-SPG1316E-H Datasheet
215Kb / 5P
   High Brightness Chip LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com