Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2321E-H Datasheet(PDF) 1 Page - AUK corp

Part # SB2321E-H
Description  Side View LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SB2321E-H Datasheet(HTML) 1 Page - AUK corp

  SB2321E-H Datasheet HTML 1Page - AUK corp SB2321E-H Datasheet HTML 2Page - AUK corp SB2321E-H Datasheet HTML 3Page - AUK corp SB2321E-H Datasheet HTML 4Page - AUK corp SB2321E-H Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-O8K002-001
1
SB2321E-H
Side View LED
Features
• 2.8mm(L)×1.2mm(W) small size surface mount type
• Thin package of 0.8mm(H) thickness
• Transparency SMD side view type
• Wide viewing angle : 110O
• E ; ESD Protected (±2.0KV, 3 Times @100pF, 1.5KΩ)
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Anode
2. Cathode
(1)
(2)
2 . 3 3 ~ 2 . 5 3
0 . 4 T y p .
0 . 5 0 ~ 0 . 6 0
2 . 4 0 ~ 2 . 6 0
1 . 4 0 T y p .
2 . 3 3 ~ 2 . 5 3
2 . 7 0 ~ 2 . 9 0
0 . 8 0 T y p .
< A - A ' >
A '
A
< B - B ' >
B '
2
1
B


Similar Part No. - SB2321E-H

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB23 GULFSEMI-SB23 Datasheet
131Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB23 GULFSEMI-SB23 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A
SB23-A GULFSEMI-SB23-A Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
Tiger Electronic Co.,Lt...
SB230 TGS-SB230 Datasheet
47Kb / 2P
   1.5AMP PLASTIC SILICON RECTIFIERS
logo
Rugao Dachang Electroni...
SB230 DACHANG-SB230 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB2321E-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SA2321-G AUK-SA2321-G Datasheet
228Kb / 5P
   Side View LED
logo
Everlight Electronics C...
EAPL2812BA2 EVERLIGHT-EAPL2812BA2 Datasheet
484Kb / 12P
   Side view LED.
logo
List of Unclassifed Man...
QBLP612-R ETC1-QBLP612-R Datasheet
629Kb / 12P
   Side View LED
logo
Seoul Semiconductor
SSWM41DI2 SEOUL-SSWM41DI2 Datasheet
1Mb / 22P
   Side View LED
SSHR41DL2 SEOUL-SSHR41DL2 Datasheet
1Mb / 24P
   Side View LED
SSWM31CQ2 SEOUL-SSWM31CQ2 Datasheet
1Mb / 21P
   Side View LED
logo
List of Unclassifed Man...
QBLP617-IB ETC1-QBLP617-IB Datasheet
683Kb / 13P
   Side View LED
QBLP617-YG ETC1-QBLP617-YG Datasheet
590Kb / 9P
   Side View LED
logo
Everlight Electronics C...
EAPL2812OA0 EVERLIGHT-EAPL2812OA0 Datasheet
935Kb / 11P
   Side view LED.
logo
Seoul Semiconductor
SSHR62LH9 SEOUL-SSHR62LH9 Datasheet
1Mb / 24P
   Side View LED
SKHR32AA0-A SEOUL-SKHR32AA0-A Datasheet
1Mb / 24P
   Side View LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com