Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHE133PGHE Datasheet(PDF) 2 Page - AUK corp

Part # SHE133PGHE
Description  Oval Type High Efficiency LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SHE133PGHE Datasheet(HTML) 2 Page - AUK corp

  SHE133PGHE Datasheet HTML 1Page - AUK corp SHE133PGHE Datasheet HTML 2Page - AUK corp SHE133PGHE Datasheet HTML 3Page - AUK corp SHE133PGHE Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-O3C004-000
2
SHE133PGHE / SHE133PGHE(B)
Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
150
mW
Forward current
IF
40
mA
*1Peak forward current
IFP
50
mA
Reverse voltage
VR
4
V
Operating temperature range
Topr
-25∼85
Storage temperature range
Tstg
-30 100
*2Soldering temperature
Tsol
260
for
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Recommend document
-. LED is very sensitive to ESD.
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
VF
IF= 20mA
-
3.2
3.8
V
*4Luminous intensity
IV
IF= 20mA
2640
-
7400
mcd
Dominant wavelength
λD
IF= 20mA
516
522
528
nm
Spectrum bandwidth
λ
IF= 20mA
-
30
-
nm
X
-
±30
-
*3Half angle
θ1/2
Y
IF= 20mA
-
±15
-
deg
*3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*4. Luminous intensity maximum tolerance for each grade classification limit is ±18%
*4. Luminous Intensity Classification
T1
T2
U1
U2
V1
2640~3220 3220~3960 3960~4960 4960~5940 5940~7400


Similar Part No. - SHE133PGHE

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE133BFE AUK-SHE133BFE Datasheet
236Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE133BFEB AUK-SHE133BFEB Datasheet
236Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE133OF AUK-SHE133OF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE133YF AUK-SHE133YF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
More results

Similar Description - SHE133PGHE

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE134OF AUK-SHE134OF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144PGHE AUK-SHE144PGHE Datasheet
282Kb / 5P
   Oval Type High Efficiency LED Lamp
SHE155BFE AUK-SHE155BFE Datasheet
247Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144RE AUK-SHE144RE Datasheet
196Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155AE AUK-SHE155AE Datasheet
223Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE145PGHE AUK-SHE145PGHE Datasheet
282Kb / 5P
   Oval Type High Efficiency LED Lamp
SHE133OF AUK-SHE133OF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE134BGE AUK-SHE134BGE Datasheet
257Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144MC AUK-SHE144MC Datasheet
199Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE145PGIE AUK-SHE145PGIE Datasheet
221Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155PGIE AUK-SHE155PGIE Datasheet
251Kb / 4P
   Oval Type High Efficiency LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com