Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHE144PGHEB Datasheet(PDF) 1 Page - AUK corp

Part # SHE144PGHEB
Description  Oval Type High Efficiency LED Lamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SHE144PGHEB Datasheet(HTML) 1 Page - AUK corp

  SHE144PGHEB Datasheet HTML 1Page - AUK corp SHE144PGHEB Datasheet HTML 2Page - AUK corp SHE144PGHEB Datasheet HTML 3Page - AUK corp SHE144PGHEB Datasheet HTML 4Page - AUK corp SHE144PGHEB Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-O3D003-000
1
SHE144PGHE(B)
Oval Type High Efficiency LED Lamp
Features
• Green colored transparency lens type
• Ellipse type(X=4.6mm, Y=5.8mm)
• Ultra luminosity
• Flangeless package
• High power LEDs
• Oval shape
• View Angle : 70˚ / 34˚
• E ; ESD Protected (±2.0KV, 3 times @100pF, 1.5KΩ)
Application
• Full color displays
• Message boards
• Variable message signs(VMS)
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
4 . 4 0 ~ 4 . 8 0
5.50~6.00
7 . 5 0 ~ 7 . 9 0
3.10~4.10
1.20 Min.
0.55 Max.
22.00 Min.
1.00 Min.
2.54 Typ.
PIN Connections
1. Anode
2. Cathode


Similar Part No. - SHE144PGHEB

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE144PGH-B AUK-SHE144PGH-B Datasheet
301Kb / 5P
   High Efficiency LED Lamp
More results

Similar Description - SHE144PGHEB

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE134OF AUK-SHE134OF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155BFE AUK-SHE155BFE Datasheet
247Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144RE AUK-SHE144RE Datasheet
196Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155AE AUK-SHE155AE Datasheet
223Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE145PGHE AUK-SHE145PGHE Datasheet
282Kb / 5P
   Oval Type High Efficiency LED Lamp
SHE133OF AUK-SHE133OF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE134BGE AUK-SHE134BGE Datasheet
257Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144MC AUK-SHE144MC Datasheet
199Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE145PGIE AUK-SHE145PGIE Datasheet
221Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155PGIE AUK-SHE155PGIE Datasheet
251Kb / 4P
   Oval Type High Efficiency LED Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com