Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABLS-5.000MHZ-B2-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ABLS-5.000MHZ-B2-T
Description  AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ABLS-5.000MHZ-B2-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ABLS-5.000MHZ-B2-T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C
More Product Available Online: www.digikey.com
Toll-Free: 1-800-344-4539 • Phone 218-681-6674 • Fax: 218-681-3380
(T062)
933
Crystals
AB Series HC49U Crystals
3.8 Max.
5.0 Max.
13.46 Max.
12.7 Min.
10.3 Max.
11.5 Max.
0.457
4.88
Specifications:
• Frequency Stability: ±100ppm, -20°C ~ 70°C
• Frequency Tolerance: ±20ppm
• Operating Temperature: -20°C ~70°C
• Load Capacitance: 18.0pF
Frequency
(MHz)
Digi-Key
Part No.
Price Each
Abracon
Part No.
1
10
50
100
1.843200
535-9009-ND
1.40
1.20
1.10
1.00
AB-1.8432MHZ-B2
2.000000
535-9016-ND
1.40
1.20
1.10
1.00
AB-2.000MHZ-B2
3.579545
535-9019-ND
.42
.36
.33
.30
AB-3.579545MHZ-B2
3.686400
535-9020-ND
.42
.36
.33
.30
AB-3.6864MHZ-B2
4.000000
535-9022-ND
.42
.36
.33
.30
AB-4.000MHZ-B2
4.915200
535-9023-ND
.42
.36
.33
.30
AB-4.9152MHZ-B2
5.000000
535-9025-ND
.42
.36
.33
.30
AB-5.000MHZ-B2
6.000000
535-9026-ND
.42
.36
.33
.30
AB-6.000MHZ-B2
7.372800
535-9027-ND
.42
.36
.33
.30
AB-7.3728MHZ-B2
8.000000
535-9028-ND
.42
.36
.33
.30
AB-8.000MHZ-B2
8.192000
535-9029-ND
.42
.36
.33
.30
AB-8.192MHZ-B2
9.830400
535-9030-ND
.42
.36
.33
.30
AB-9.8304MHZ-B2
10.000000
535-9000-ND
.42
.36
.33
.30
AB-10.000MHZ-B2
11.059200
535-9001-ND
.42
.36
.33
.30
AB-11.0592MHZ-B2
12.000000
535-9002-ND
.42
.36
.33
.30
AB-12.000MHZ-B2
12.288000
535-9003-ND
.42
.36
.33
.30
AB-12.288MHZ-B2
14.318180
535-9004-ND
.42
.36
.33
.30
AB-14.31818MHZ-B2
14.745600
535-9005-ND
.42
.36
.33
.30
AB-14.7456MHZ-B2
16.000000
535-9006-ND
.42
.36
.33
.30
AB-16.000MHZ-B2
18.432000
535-9007-ND
.42
.36
.33
.30
AB-18.432MHZ-B2
19.660800
535-9008-ND
.42
.36
.33
.30
AB-19.6608MHZ-B2
20.000000
535-9010-ND
.42
.36
.33
.30
AB-20.000MHZ-B2
22.118400
535-9011-ND
.42
.36
.33
.30
AB-22.1184MHZ-B2
24.000000
535-9012-ND
.42
.36
.33
.30
AB-24.000MHZ-B2
24.576000
535-9013-ND
.42
.36
.33
.30
AB-24.576MHZ-B2F
25.000000
535-9014-ND
.42
.36
.33
.30
AB-25.000MHZ-B2F
27.000000
535-9015-ND
.42
.36
.33
.30
AB-27.000MHZ-B2F
32.000000
535-9017-ND
.42
.36
.33
.30
AB-32.000MHZ-B2
32.768000
535-9018-ND
.42
.36
.33
.30
AB-32.768MHZ-B2
48.000000
535-9021-ND
.88
.75
.69
.63
AB-48.000MHZ-B2
50.000000
535-9024-ND
.88
.75
.69
.63
AB-50.000MHZ-B2
ABL Series HC49US Crystals
Specifications:
• Frequency Stability: ±50ppm, -20°C ~ 70°C
• Frequency Tolerance: ±20ppm
• Operating Temperature: -20°C ~ 70°C
• Load Capacitance: 18.0pF
3.8 Max.
5.0 Max.
3.5 Max.
4.88
6.35 Min.
10.3 Max.
11.5 Max.
0.457
Frequency
(MHz)
Digi-Key
Part No.
Price Each
Abracon
Part No.
1
10
50
100
3.579545
535-9053-ND
.49
.42
.39
.35
ABL-3.579545MHZ-B2
3.686400
535-9054-ND
.49
.42
.39
.35
ABL-3.6864MHZ-B2
4.000000
535-9057-ND
.49
.42
.39
.35
ABL-4.000MHZ-B2
4.096000
535-9058-ND
.49
.42
.39
.35
ABL-4.096MHZ-B2
4.915200
535-9059-ND
.49
.42
.39
.35
ABL-4.9152MHZ-B2
6.000000
535-9060-ND
.49
.42
.39
.35
ABL-6.000MHZ-B2
7.372800
535-9061-ND
.49
.42
.39
.35
ABL-7.3728MHZ-B2
8.000000
535-9062-ND
.49
.42
.39
.35
ABL-8.000MHZ-B2
8.192000
535-9063-ND
.49
.42
.39
.35
ABL-8.192MHZ-B2
9.830400
535-9064-ND
.49
.42
.39
.35
ABL-9.8304MHZ-B2
10.000000
535-9035-ND
.49
.42
.39
.35
ABL-10.000MHZ-B2
11.059200
535-9036-ND
.49
.42
.39
.35
ABL-11.0592MHZ-B2
12.000000
535-9037-ND
.49
.42
.39
.35
ABL-12.000MHZ-B2
12.288000
535-9038-ND
.49
.42
.39
.35
ABL-12.288MHZ-B2
14.318180
535-9039-ND
.49
.42
.39
.35
ABL-14.31818MHZ-B2
14.745600
535-9040-ND
.49
.42
.39
.35
ABL-14.7456MHZ-B2
16.000000
535-9041-ND
.49
.42
.39
.35
ABL-16.000MHZ-B2
16.128000
535-9042-ND
.49
.42
.39
.35
ABL-16.128MHZ-B2
16.384000
535-9043-ND
.49
.42
.39
.35
ABL-16.384MHZ-B2
18.432000
535-9044-ND
.49
.42
.39
.35
ABL-18.432MHZ-B2
19.660800
535-9045-ND
.49
.42
.39
.35
ABL-19.6608MHZ-B2
20.000000
535-9046-ND
.49
.42
.39
.35
ABL-20.000MHZ-B2
22.118400
535-9047-ND
.49
.42
.39
.35
ABL-22.1184MHZ-B2
24.000000
535-9048-ND
.49
.42
.39
.35
ABL-24.000MHZ-B2
24.576000
535-9049-ND
.49
.42
.39
.35
ABL-24.576MHZ-B2F
25.000000
535-9050-ND
.49
.42
.39
.35
ABL-25.000MHZ-B2F
27.000000
535-9051-ND
.49
.42
.39
.35
ABL-27.000MHZ-B2F
32.000000
535-9052-ND
.49
.42
.39
.35
ABL-32.000MHZ-B2
40.000000
535-9055-ND
.88
.75
.69
.63
ABL-40.000MHZ-B2
48.000000
535-9056-ND
1.75
1.50
1.38
1.25
ABL-48.000MHZ-B2
ABLS Series HC49US SMD Crystals
4.8 Max.
11.05
12.7
10.3 Max.
4.2
0.1 Max.
0.1 Max.
4.88
0.6
Specifications:
• Frequency Stability: ±50ppm, -20°C ~ 70°C • Frequency Tolerance: ±20ppm • Operating Temperature: -40°C ~ 85°C
• Load Capacitance: 18.0pF
ABM3 Series 5.0 x 3.2 SMD Crystals
5.0
3.2
2.85
0.4
1.3
2.0
0.8
2.4
1.3
Specifications:
• Frequency Stability: ±100ppm, -20°C ~ 70°C • Frequency Tolerance: ±20ppm • Operating Temperature: -40°C ~ 85°C
• Load Capacitance: 18.0pF
Frequency
(MHz)
Digi-Key
Part No.
Cut Tape
Digi-Key
Part No.
T & R
Abracon
Part No.
Price Each
Pricing
1
10
50
100
1,000
12.00000 535-9100-1-ND
1.38
1.13
1.00
.89
535-9100-2-ND
700.00
ABM3-12.000MHZ-B2-T
13.56000 535-9101-1-ND
1.38
1.13
1.00
.89
535-9101-2-ND
700.00
ABM3-13.560MHZ-B2-T
14.31818 535-9102-1-ND
1.38
1.13
1.00
.89
535-9102-2-ND
700.00
ABM3-14.31818MHZ-B2-T
16.00000 535-9103-1-ND
1.38
1.13
1.00
.89
535-9103-2-ND
700.00
ABM3-16.000MHZ-B2-T
18.43200 535-9104-1-ND
1.38
1.13
1.00
.89
535-9104-2-ND
700.00
ABM3-18.432MHZ-B2-T
20.00000 535-9105-1-ND
1.38
1.13
1.00
.89
535-9105-2-ND
700.00
ABM3-20.000MHZ-B2-T
24.00000 535-9106-1-ND
1.38
1.13
1.00
.89
535-9106-2-ND
700.00
ABM3-24.000MHZ-B2-T
24.57600 535-9107-1-ND
1.38
1.13
1.00
.89
535-9107-2-ND
700.00
ABM3-24.576MHZ-B2-T
25.00000 535-9108-1-ND
1.38
1.13
1.00
.89
535-9108-2-ND
700.00
ABM3-25.000MHZ-B2-T
27.00000 535-9109-1-ND
1.38
1.13
1.00
.89
535-9109-2-ND
700.00
ABM3-27.000MHZ-B2-T
28.63630 535-9110-1-ND
1.38
1.13
1.00
.89
535-9110-2-ND
700.00
ABM3-28.6363MHZ-B2-T
29.49120 535-9111-1-ND
1.38
1.13
1.00
.89
535-9111-2-ND
700.00
ABM3-29.4912MHZ-B2-T
30.00000 535-9112-1-ND
1.38
1.13
1.00
.89
535-9112-2-ND
700.00
ABM3-30.000MHZ-B2-T
33.00000 535-9113-1-ND
1.38
1.13
1.00
.89
535-9113-2-ND
700.00
ABM3-33.000MHZ-B2-T
40.00000 535-9114-1-ND
1.38
1.13
1.00
.89
535-9114-2-ND
700.00
ABM3-40.000MHZ-B2-T
48.00000 535-9115-1-ND
1.38
1.13
1.00
.89
535-9115-2-ND
700.00
ABM3-48.000MHZ-B2-T
Frequency
(MHz)
Digi-Key
Part No.
Cut Tape
Digi-Key
Part No.
Tape & Reel
Abracon
Part No.
Price Each
Pricing
1
10
50
100
1,000
3.579545
535-9081-1-ND
.56
.49
.43
.30
535-9081-2-ND
263.00
ABLS-3.579545MHZ-B2-T
3.686400
535-9082-1-ND
.56
.49
.43
.30
535-9082-2-ND
263.00
ABLS-3.6864MHZ-B2-T
4.000000
535-9085-1-ND
.56
.49
.43
.30
535-9085-2-ND
263.00
ABLS-4.000MHZ-B2-T
4.915200
535-9086-1-ND
.56
.49
.43
.30
535-9086-2-ND
263.00
ABLS-4.9152MHZ-B2-T
5.000000
535-9087-1-ND
.56
.49
.43
.30
535-9087-2-ND
263.00
ABLS-5.000MHZ-B2-T
7.372800
535-9088-1-ND
.56
.49
.43
.30
535-9088-2-ND
263.00
ABLS-7.3728MHZ-B2-T
8.000000
535-9089-1-ND
.56
.49
.43
.30
535-9089-2-ND
263.00
ABLS-8.000MHZ-B2-T
8.192000
535-9090-1-ND
.56
.49
.43
.30
535-9090-2-ND
263.00
ABLS-8.192MHZ-B2-T
10.000000
535-9065-1-ND
.56
.49
.43
.30
535-9065-2-ND
263.00
ABLS-10.000MHZ-B2-T
11.059200
535-9066-1-ND
.56
.49
.43
.30
535-9066-2-ND
263.00
ABLS-11.0592MHZ-B2-T
12.000000
535-9067-1-ND
.56
.49
.43
.30
535-9067-2-ND
263.00
ABLS-12.000MHZ-B2-T
12.288000
535-9068-1-ND
.56
.49
.43
.30
535-9068-2-ND
263.00
ABLS-12.288MHZ-B2-T
14.318180
535-9069-1-ND
.56
.49
.43
.30
535-9069-2-ND
263.00
ABLS-14.31818MHZ-B2-T
14.745600
535-9070-1-ND
.56
.49
.43
.30
535-9070-2-ND
263.00
ABLS-14.7456MHZ-B2-T
16.000000
535-9071-1-ND
.56
.49
.43
.30
535-9071-2-ND
263.00
ABLS-16.000MHZ-B2-T
18.432000
535-9072-1-ND
.56
.49
.43
.30
535-9072-2-ND
263.00
ABLS-18.432MHZ-B2-T
19.660800
535-9073-1-ND
.56
.49
.43
.30
535-9073-2-ND
263.00
ABLS-19.6608MHZ-B2-T
20.000000
535-9074-1-ND
.56
.49
.43
.30
535-9074-2-ND
263.00
ABLS-20.000MHZ-B2-T
22.118400
535-9075-1-ND
.56
.49
.43
.30
535-9075-2-ND
263.00
ABLS-22.1184MHZ-B2-T
24.000000
535-9076-1-ND
.56
.49
.43
.30
535-9076-2-ND
263.00
ABLS-24.000MHZ-B2-T
24.576000
535-9077-1-ND
.56
.49
.43
.30
535-9077-2-ND
263.00
ABLS-24.576MHZ-B2F-T
25.000000
535-9078-1-ND
.56
.49
.43
.30
535-9078-2-ND
263.00
ABLS-25.000MHZ-B2F-T
27.000000
535-9079-1-ND
.56
.49
.43
.30
535-9079-2-ND
263.00
ABLS-27.000MHZ-B2F-T
32.000000
535-9080-1-ND
.56
.49
.43
.30
535-9080-2-ND
263.00
ABLS-32.000MHZ-B2-T
48.000000
535-9083-1-ND
.56
.49
.43
.30
535-9083-2-ND
263.00
ABLS-48.000MHZ-B2-T
49.152000
535-9084-1-ND
.56
.49
.43
.30
535-9084-2-ND
263.00
ABLS-49.152MHZ-B2-T
(Continued)


Similar Part No. - ABLS-5.000MHZ-B2-T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ABLS-3.6864MHZ-L4Q-T AD-ABLS-3.6864MHZ-L4Q-T Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
Abracon Corporation
ABLS-LR ABRACON-ABLS-LR Datasheet
2Mb / 2P
   HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
05.04.10
ABLS-LR24000MHZA1UT ABRACON-ABLS-LR24000MHZA1UT Datasheet
2Mb / 2P
   HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
05.04.10
ABLS-LR24000MHZA2UT ABRACON-ABLS-LR24000MHZA2UT Datasheet
2Mb / 2P
   HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
05.04.10
ABLS-LR24000MHZA3UT ABRACON-ABLS-LR24000MHZA3UT Datasheet
2Mb / 2P
   HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
05.04.10
More results

Similar Description - ABLS-5.000MHZ-B2-T

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTHC49-USSMXE-A ACT-ACTHC49-USSMXE-A Datasheet
173Kb / 2P
   SMD crystals
14/11/06
logo
Abracon Corporation
ABL ABRACON-ABL Datasheet
290Kb / 1P
   MICROPROCESSOR CRYSTALS AT49(HC49US) ULTRA LOW PROFILE
logo
TEMEX
RGX3 TEMEX-RGX3 Datasheet
675Kb / 7P
   SMD Communication Crystals
logo
MTRONPTI
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
   Crystals
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
   Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
   CRYSTALS
logo
AEL Crystals Ltd
CM309 AEL-CM309 Datasheet
168Kb / 1P
   Metal Encapsulated SMD Crystals
SXG AEL-SXG Datasheet
139Kb / 1P
   Ceramic Encapsulated SMD Crystals
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
   Crystals
logo
List of Unclassifed Man...
7VSERIES ETC2-7VSERIES Datasheet
1Mb / 1P
   SMD GLASS SEALING CRYSTALS 3.2X2.5X0.8MM 7V SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com